Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21552 Datasheet (PDF) - Maxim Integrated Products

DS21552 Datasheet PDF - Maxim Integrated Products
Part # DS21552
Download  DS21552 Download
File Size   1099.92 Kbytes
Page   137 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description T1 Single-Chip Transceivers

DS21552 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS21552 Datasheet PDF - Maxim Integrated Products

Part # DS21552
Download  DS21552 Click to download

File Size   1099.92 Kbytes
Page   137 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description T1 Single-Chip Transceivers

DS21552 Datasheet (HTML) - Maxim Integrated Products


DS21552 Product details

DESCRIPTION
The DS21352/552 T1 single-chip transceiver contains all of the necessary functions for connection to T1 lines whether they are DS1 long haul or DSX–1 short haul. The clock recovery circuitry automatically adjusts to T1 lines from 0 feet to over 6000 feet in length. The device can generate both DSX–1 line build outs as well as CSU line build-outs of -7.5dB, -15dB, and -22.5dB. The onboard jitter attenuator (selectable to either 32 bits or 128 bits) can be placed in either the transmit or receive data paths. The framer locates the frame and multiframe boundaries and monitors the data stream for alarms.

FEATURES
■ Complete DS1/ISDN–PRI/J1 transceiver functionality
■ Long and Short haul LIU
■ Crystal–less jitter attenuator
■ Generates DSX–1 and CSU line build-outs
■ HDLC controller with 64-byte buffers Configurable for FDL or DS0 operation
■ Dual two–frame elastic store slip buffers that can connect to asynchronous backplanes up to 8.192MHz
■ 8.192MHz clock output locked to RCLK
■ Interleaving PCM Bus Operation
■ Per-channel loopback and idle code insertion
■ 8-bit parallel control port muxed or nonmuxed buses (Intel or Motorola)
■ Programmable output clocks for Fractional T1
■ Fully independent transmit and receive functionality
■ Generates/detects in-band loop codes from 1 to 8 bits in length including CSU loop codes
■ IEEE 1149.1 JTAG-Boundary Scan
■ Pin compatible with DS2152/54/354/554 SCTs
■ 100-pin LQFP package (14 mm x 14 mm) 3.3V (DS21352) or 5V (DS21552) supply; low power CMOS




Similar Part No. - DS21552

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21552 MAXIM-DS21552 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
logo
Dallas Semiconductor
DS21552L DALLAS-DS21552L Datasheet
1Mb / 137P
3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
DS21552LN DALLAS-DS21552LN Datasheet
1Mb / 137P
3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
More results


Similar Description - DS21552

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2152 DALLAS-DS2152 Datasheet
1,003Kb / 94P
Enhanced T1 Single-Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2151Q DALLAS-DS2151Q Datasheet
1Mb / 51P
T1 Single-Chip Transceiver
DS21352 DALLAS-DS21352 Datasheet
1Mb / 137P
3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
logo
Synaptics Incorporated.
BT8375 CONEXANT-BT8375 Datasheet
1Mb / 323P
single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
logo
Maxim Integrated Produc...
DS21554 MAXIM-DS21554 Datasheet
944Kb / 124P
3.3V/5V E1 Single-Chip Transceivers
REV: 021004
logo
Dallas Semiconductor
DS21458 DALLAS-DS21458 Datasheet
1Mb / 270P
Quad T1/E1/J1 Transceivers
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2152 MAXIM-DS2152 Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
DS2151Q MAXIM-DS2151Q Datasheet
626Kb / 60P
T1 Single-Chip Transceiver
REV: 011706
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com