Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21352 Datasheet (PDF) - Dallas Semiconductor

DS21352 Datasheet PDF - Dallas Semiconductor
Part # DS21352
Download  DS21352 Download
File Size   1094.3 Kbytes
Page   137 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers

DS21352 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS21352 Datasheet PDF - Dallas Semiconductor

Part # DS21352
Download  DS21352 Click to download

File Size   1094.3 Kbytes
Page   137 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers

DS21352 Datasheet (HTML) - Dallas Semiconductor


DS21352 Product details

DESCRIPTION
The DS21352/552 T1 single-chip transceiver contains all of the necessary functions for connection to T1 lines whether they are DS1 long haul or DSX–1 short haul. The clock recovery circuitry automatically adjusts to T1 lines from 0 feet to over 6000 feet in length. The device can generate both DSX–1 line build outs as well as CSU line build-outs of -7.5dB, -15dB, and -22.5dB. The onboard jitter attenuator (selectable to either 32 bits or 128 bits) can be placed in either the transmit or receive data paths. The framer locates the frame and multiframe boundaries and monitors the data stream for alarms.

FEATURES
■ Complete DS1/ISDN–PRI/J1 transceiver functionality
■ Long and Short haul LIU
■ Crystal–less jitter attenuator
■ Generates DSX–1 and CSU line build-outs
■ HDLC controller with 64-byte buffers Configurable for FDL or DS0 operation
■ Dual two–frame elastic store slip buffers that can connect to asynchronous backplanes up to 8.192MHz
■ 8.192MHz clock output locked to RCLK
■ Interleaving PCM Bus Operation
■ Per-channel loopback and idle code insertion
■ 8-bit parallel control port muxed or nonmuxed buses (Intel or Motorola)
■ Programmable output clocks for Fractional T1
■ Fully independent transmit and receive functionality
■ Generates/detects in-band loop codes from 1 to 8 bits in length including CSU loop codes
■ IEEE 1149.1 JTAG-Boundary Scan
■ Pin compatible with DS2152/54/354/554 SCTs
■ 100-pin LQFP package (14 mm x 14 mm) 3.3V (DS21352) or 5V (DS21552) supply; low power CMOS




Similar Part No. - DS21352

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21352 MAXIM-DS21352 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
logo
Pulse A Technitrol Comp...
DS21352 PULSE-DS21352 Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Maxim Integrated Produc...
DS21352DK MAXIM-DS21352DK Datasheet
1Mb / 21P
T1 Single-Chip Transceiver Design Kit Daughter Card
REV: 110106
DS21352L MAXIM-DS21352L Datasheet
1Mb / 137P
T1 Single-Chip Transceivers
120501
DS21352LN MAXIM-DS21352LN Datasheet
1Mb / 137P
T1 Single-Chip Transceivers
120501
More results


Similar Description - DS21352

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1470 LINER-LTC1470 Datasheet
266Kb / 12P
Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
T1/E1/J1 3.3V Single Chip Transceiver
logo
Dallas Semiconductor
DS1814 DALLAS-DS1814 Datasheet
146Kb / 8P
5V and 3.3V MicroMonitor
logo
Maxim Integrated Produc...
DS21554 MAXIM-DS21554 Datasheet
944Kb / 124P
3.3V/5V E1 Single-Chip Transceivers
REV: 021004
logo
Linear Technology
LTC1470 LINER-LTC1470_1 Datasheet
157Kb / 12P
Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
logo
Maxim Integrated Produc...
DS21552 MAXIM-DS21552 Datasheet
1Mb / 137P
T1 Single-Chip Transceivers
120501
logo
Micrel Semiconductor
SY10EP05V MICREL-SY10EP05V_05 Datasheet
116Kb / 7P
5V/3.3V DIFFERENTIAL AND/NAND
logo
Linear Technology
LTC1471 LINER-LTC1471_15 Datasheet
163Kb / 12P
Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
logo
Maxim Integrated Produc...
MAX4213EVKIT MAXIM-MAX4213EVKIT Datasheet
68Kb / 4P
Single 3.3V/5V Operation
Rev 1; 6/98
DS1814 MAXIM-DS1814 Datasheet
152Kb / 8P
5V and 3.3V MicroMonitor
122001
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com