Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21554 Datasheet (PDF) - Maxim Integrated Products

DS21554 Datasheet PDF - Maxim Integrated Products
Part # DS21554
Download  DS21554 Download
File Size   944.61 Kbytes
Page   124 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V/5V E1 Single-Chip Transceivers

DS21554 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS21554 Datasheet PDF - Maxim Integrated Products

Part # DS21554
Download  DS21554 Click to download

File Size   944.61 Kbytes
Page   124 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V/5V E1 Single-Chip Transceivers

DS21554 Datasheet (HTML) - Maxim Integrated Products


DS21554 Product details

DESCRIPTION

The DS21354/554 Single-Chip Transceiver (SCT) contains all of the necessary functions for connection to E1 lines. The device is an upward compatible version of the DS2153 and DS2154 SCTs. The onboard clock/data recovery circuitry coverts the AMI/HDB3 E1 waveforms to an NRZ serial stream. The DS21354/554 automatically adjusts to E1 22AWG (0.6 mm) twisted–pair cables from 0 to over 2km in length. The device can generate the necessary G.703 waveshapes for both 75 ohm coax and 120 ohm twisted cables.



FEATURES

Complete E1 (CEPT) PCM-30/ISDN-PRI transceiver functionality

Onboard long and short haul line interface for clock/data recovery and waveshaping

32-bit or 128-bit crystal-less jitter attenuator

Frames to FAS, CAS, CCS, and CRC4 formats

Integral HDLC controller with 64-byte buffers configurable for Sa Bits, DS0 or sub DS0 operation

Dual two–frame elastic store slip buffers that can connect to asynchronous backplanes up to 8.192MHz

Interleaving PCM Bus Operation

8–bit parallel control port that can be used directly on either multiplexed or non–multiplexed buses (Intel or Motorola)

Extracts and inserts CAS signaling

Detects and generates remote and AIS alarms

Programmable output clocks for Fractional E1, H0, and H12 applications

Fully independent transmit and receive functionality

Full access to Si and Sa bits aligned with CRC-4 multiframe

Four separate loopback functions for testing functions

Large counters for bipolar and code violations, CRC4 code word errors, FAS word errors, and E bits

IEEE 1149.1 JTAG-Boundary Scan Architecture

Pin compatible with DS2154/52/352/552 SCTs

3.3V (DS21354) or 5V (DS21554) supply;low power CMOS

100-pin LQFP package (14mm X 14mm)




Similar Part No. - DS21554

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21554 MAXIM-DS21554 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
More results


Similar Description - DS21554

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9075A MITEL-MT9075A Datasheet
1,008Kb / 78P
E1 Single Chip Transceiver
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
E1 Single Chip Transceiver
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
T1/E1/J1 3.3V Single Chip Transceiver
logo
Dallas Semiconductor
DS21352 DALLAS-DS21352 Datasheet
1Mb / 137P
3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
E1 Single-Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
E1 Single Chip Transceiver
logo
OPLINK Communications I...
DTR1250SMGB-I OPLINK-DTR1250SMGB-I Datasheet
111Kb / 5P
5V GBIC Long Distance Single Mode Transceivers
logo
Maxim Integrated Produc...
MAX4213EVKIT MAXIM-MAX4213EVKIT Datasheet
68Kb / 4P
Single 3.3V/5V Operation
Rev 1; 6/98
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
E1 Single-Chip Transceiver
REV: 01106
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com