Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT4000 Datasheet (PDF) - Exar Corporation

XRT4000 Datasheet PDF - Exar Corporation
Part # XRT4000
Download  XRT4000 Download
File Size   378.96 Kbytes
Page   46 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Universal Multiprotocol Serial Interface

XRT4000 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT4000 Datasheet PDF - Exar Corporation

Part # XRT4000
Download  XRT4000 Click to download

File Size   378.96 Kbytes
Page   46 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Universal Multiprotocol Serial Interface

XRT4000 Datasheet (HTML) - Exar Corporation


XRT4000 Product details

GENERAL DESCRIPTION
The XRT4000 is a fully integrated multiprotocol serial interface. It is a universal device because it supports all of the popular serial physical interfaces such as V.35, V.36, EIA-530 (A), RS232 (V.28), X.21 and RS449. Furthermore it can easily be interfaced with most common types of HDLC controllers. This device contains 8 receivers and 8 transmitters. It is a complete solution containing all of the required source and load terminations in one 100 pin TQFP package.

FEATURES
• Software-configurable multiprotocol serial interface supporting: V.35, V.36, EIA-530 (A), RS232 (V.28), X.21, RS449
• One chip fully integrated solution (Internal termination)
• Contains 8 receivers and 8 transmitters for full DTE and DCE support
• Glitch filters on the control signals (Optional)
• +5V, +12V, -6V power supplies required
• Full support of loopbacks, data & clock inversion, and echoed clock in DTE and DCE modes
• Full support of most popular types of HDLC controllers (single, double, and triple clocks supported)
• Internal oscillator for standalone DTE loopback testing
• Control signals can be registered and nonregistered
• Control signals can be tri-stated for bus-based designs
• “Fail Safe” operation supported
• ESD Protection Over + 2kV Range

APPLICATIONS
• Data Service Units (DSU)
• Routers
• Access Multiplexers




Similar Part No. - XRT4000

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
XRT4500CV EXAR-XRT4500CV Datasheet
1Mb / 99P
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
More results


Similar Description - XRT4000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1581 PHILIPS-ISP1581 Datasheet
1Mb / 73P
Universal Serial Bus 2.0 high-speed interface device
Rev. 02-23 October 2000
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
Double multiprotocol IC card interface
2000 Nov 09
ISP1183 PHILIPS-ISP1183 Datasheet
295Kb / 62P
Low-power Universal Serial Bus interface device with DMA
Rev. 01-24 February 2004
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
logo
NEC
UPD7201A NEC-UPD7201A Datasheet
1Mb / 18P
Multiprotocol, Serial Communications Controller
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
MAX13171E MAXIM-MAX13171E Datasheet
904Kb / 38P
Multiprotocol, Pin-Selectable Data Interface Chipset
Rev 1; 7/09
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
Texas Instruments
TUSB2046BIVFRG4 TI-TUSB2046BIVFRG4 Datasheet
1Mb / 25P
4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com