Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP607 Datasheet (PDF) - Analog Devices

ADCMP607 Datasheet PDF - Analog Devices
Part # ADCMP607
Download  ADCMP607 Download
File Size   301.96 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators

ADCMP607 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCMP607 Datasheet PDF - Analog Devices

Part # ADCMP607
Download  ADCMP607 Click to download

File Size   301.96 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators

ADCMP607 Datasheet (HTML) - Analog Devices


ADCMP607 Product details

GENERAL DESCRIPTION
The ADCMP606 and ADCMP607 are very fast comparators fabricated on XFCB2, an Analog Devices, Inc., proprietary process. These comparators are exceptionally versatile and easy to use. Features include an input range from VEE − 0.5 V to VCCI + 0.2 V, low noise, CML-compatible output drivers, and TTL-/CMOS-compatible latch inputs with adjustable hysteresis and/or shutdown inputs.

FEATURES
   Fully specified rail to rail at VCCI = 2.5 V to 5.5 V
   Input common-mode voltage from −0.2 V to VCCI + 0.2 V
   CML-compatible output stage
   1.25 ns propagation delay
   50 mW at 2.5 V power supply
   Shutdown pin
   Single-pin control for programmable hysteresis and latch
      (ADCMP607 only)
   Power supply rejection > 60 dB
   −40°C to +125°C operation

APPLICATIONS
   High speed instrumentation
   Clock and data signal restoration
   Logic level shifting or translation
   Pulse spectroscopy
   High speed line receivers
   Threshold detection
   Peak and zero-crossing detectors
   High speed trigger circuitry
   Pulse-width modulators
   Current-/voltage-controlled oscillators
   Automatic test equipment (ATE)




Similar Part No. - ADCMP607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP607 AD-ADCMP607 Datasheet
348Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. 0
ADCMP607 AD-ADCMP607 Datasheet
372Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
ADCMP607BCPZ-R2 AD-ADCMP607BCPZ-R2 Datasheet
348Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. 0
ADCMP607BCPZ-R2 AD-ADCMP607BCPZ-R2 Datasheet
372Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
ADCMP607BCPZ-R2 AD-ADCMP607BCPZ-R2 Datasheet
373Kb / 14P
Single-Supply CML Comparators
4/16-Rev. B to Rev. C
More results


Similar Description - ADCMP607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP600 AD-ADCMP600 Datasheet
322Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
10/06-Revision 0
ADCMP604 AD-ADCMP604 Datasheet
362Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
10/06-Revision 0
ADCMP606_0610 AD-ADCMP606_0610 Datasheet
348Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. 0
ADCMP606 AD-ADCMP606_07 Datasheet
372Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
ADCMP604 AD-ADCMP604_07 Datasheet
392Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. A
ADCMP600 AD-ADCMP600_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
REV. A
ADCMP601 AD-ADCMP601_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP603 AD-ADCMP603_15 Datasheet
364Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. 0
ADCMP605 AD-ADCMP605_15 Datasheet
301Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP607 AD-ADCMP607_15 Datasheet
371Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com