Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP607 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP607
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP607 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP607 Datasheet HTML 2Page - Analog Devices ADCMP607 Datasheet HTML 3Page - Analog Devices ADCMP607 Datasheet HTML 4Page - Analog Devices ADCMP607 Datasheet HTML 5Page - Analog Devices ADCMP607 Datasheet HTML 6Page - Analog Devices ADCMP607 Datasheet HTML 7Page - Analog Devices ADCMP607 Datasheet HTML 8Page - Analog Devices ADCMP607 Datasheet HTML 9Page - Analog Devices ADCMP607 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADCMP606/ADCMP607
Preliminary Technical Data
Rev. PrA | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
VCCO
2
VCCI
3
VEE
9VEE
8LE/HYS
7SDN
TOP VIEW
(Not to Scale)
ADCMP607
Q 1
VEE 2
VP 3
Q
6
VCCI/VCCO
5
VN
4
ADCMP606
TOP VIEW
(Not to Scale)
Figure 3. ADCMP606 Pin Configuration
Figure 4. ADCMP607 Pin Configuration
Table 4. ADCMP606 (SC70-6) Pin Function Descriptions
Pin No.
Mnemonic
Description
1
Q
Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, VP, is greater
than the analog voltage at the inverting input, VN.
2
VEE
Negative Supply Voltage.
3
VP
Noninverting Analog Input.
4
VN
Inverting Analog Input.
5
V /V
CCI
CCO
Input Section Supply/Output Section Supply. Shared pin.
6
Q
Inverting Output. Q is at logic low if the analog voltage at the noninverting input, VP, is greater than
the analog voltage at the inverting input, VN.
Table 5. ADCMP607 (LSCFP-12) Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V
Output Section Supply.
CCO
2
VCCI
Input Section Supply.
3
VEE
Negative Supply Voltage.
4
VP
Noninverting Analog Input.
5
VEE
Negative Supply Voltage.
6
VN
Inverting Analog Input.
7
SDN
Shutdown. Drive this pin low to shut down the device.
8
LE/HYS
Latch/Hysteresis Control. Bias with resistor or current for hysteresis adjustment; drive low to latch.
9
VEE
Negative Supply Voltage.
10
Q
Inverting Output. Q is at logic low if the analog voltage at the noninverting input, VP, is greater than the
analog voltage at the inverting input, VN, provided that the comparator is in compare mode.
11
VEE
Negative Supply Voltage.
12
Q
Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, VP, is greater than
the analog voltage at the inverting input, VN, provided that the comparator is in compare mode.
V
Heat Sink
Paddle
The metallic back surface of the package is electrically connected to V
EE
EE
. It can be left floating because
Pin 3, Pin 5, Pin 9, and Pin 11 provide adequate electrical connection. It can also be soldered to the
application board if improved thermal and/or mechanical stability is desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com