Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP607 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP607
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP607 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP607 Datasheet HTML 1Page - Analog Devices ADCMP607 Datasheet HTML 2Page - Analog Devices ADCMP607 Datasheet HTML 3Page - Analog Devices ADCMP607 Datasheet HTML 4Page - Analog Devices ADCMP607 Datasheet HTML 5Page - Analog Devices ADCMP607 Datasheet HTML 6Page - Analog Devices ADCMP607 Datasheet HTML 7Page - Analog Devices ADCMP607 Datasheet HTML 8Page - Analog Devices ADCMP607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
Single-Supply CML Comparators
Preliminary Technical Data
ADCMP606/ADCMP607
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
10 mV sensitivity rail to rail at VCC = 2.5 V
Input common-mode voltage from −0.2 V to VCC + 0.2 V
CML-compatible output stage
1 ns propagation delay
50 mW at 2.5 V
Shutdown pin (ADCMP607 only)
Single-pin control for programmable hysteresis and latch
(ADCMP607 only)
Power supply rejection > 60 dB
−40°C to +125°C operation
APPLICATIONS
High speed instrumentation
Clock and data signal restoration
Logic level shifting or translation
Pulse spectroscopy
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
High speed trigger circuitry
Pulse-width modulators
Current-/voltage-controlled oscillators
Automatic test equipment (ATE)
FUNCTIONAL BLOCK DIAGRAM
VP NONINVERTING
INPUT
VN INVERTING
INPUT
SDN INPUT (ADCMP607 Only)
VCCI
VCCO
(ADCMP607 Only)
Q OUTPUT
Q OUTPUT
LE/HYS INPUT (ADCMP607 Only)
ADCMP606/
ADCMP607
CML
Figure 1.
PIN 1
INDICATOR
1
VCCO
2
VCCI
3
VEE
9VEE
8LE/HYS
7SDN
TOP VIEW
(Not to Scale)
ADCMP607
Figure 2.LFCSP Pin Configuration
GENERAL DESCRIPTION
The ADCMP606/ADCMP607 are very fast comparators
fabricated on Analog Devices’ proprietary XFCB2 process.
These comparators are exceptionally versatile and easy to use.
Features include an input range from VEE − 0.5 V to VCC + 0.5 V,
low noise CML-compatible output drivers, and TTL-/CMOS-
compatible latch inputs with adjustable hysteresis and/or
shutdown inputs.
The device offers 1 ns propagation delay with 2 ps RMS random
jitter (RJ). Overdrive and slew rate dispersion are typically less
than 50 ps.
A flexible power supply scheme allows the devices to operate
with a single +2.5 V positive supply and a −0.5 V to +3.0 V
input signal range up to a +5.5 V positive supply with a −0.5 V
to +6 V input signal range. The ADCMP607 features split
input/output supplies with no sequencing restrictions to support
a wide input signal range with independent output level control
and power savings.
The CML-compatible output stage is fully back-matched for
superior performance. The comparator input stage offers robust
protection against large input overdrive, and the outputs do not
phase reverse when the valid input signal range is exceeded. On
the ADCMP607, high speed latch and programmable hysteresis
features are also provided with a unique single-pin control option.
The ADCMP606 is available in a 6-lead SC70 package, and the
ADCMP607 is available in a 12-lead LSCFP package.


Similar Part No. - ADCMP607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP607 AD-ADCMP607 Datasheet
348Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. 0
ADCMP607 AD-ADCMP607 Datasheet
372Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
ADCMP607BCPZ-R2 AD-ADCMP607BCPZ-R2 Datasheet
348Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. 0
ADCMP607BCPZ-R2 AD-ADCMP607BCPZ-R2 Datasheet
372Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
ADCMP607BCPZ-R2 AD-ADCMP607BCPZ-R2 Datasheet
373Kb / 14P
Single-Supply CML Comparators
4/16-Rev. B to Rev. C
More results

Similar Description - ADCMP607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP600 AD-ADCMP600 Datasheet
322Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
10/06-Revision 0
ADCMP604 AD-ADCMP604 Datasheet
362Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
10/06-Revision 0
ADCMP606_0610 AD-ADCMP606_0610 Datasheet
348Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. 0
ADCMP606 AD-ADCMP606_07 Datasheet
372Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
ADCMP604 AD-ADCMP604_07 Datasheet
392Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. A
ADCMP600 AD-ADCMP600_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
REV. A
ADCMP601 AD-ADCMP601_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP603 AD-ADCMP603_15 Datasheet
364Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. 0
ADCMP605 AD-ADCMP605_15 Datasheet
301Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP607 AD-ADCMP607_15 Datasheet
371Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com