Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP607 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP607
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP607 Datasheet(HTML) 5 Page - Analog Devices

  ADCMP607 Datasheet HTML 1Page - Analog Devices ADCMP607 Datasheet HTML 2Page - Analog Devices ADCMP607 Datasheet HTML 3Page - Analog Devices ADCMP607 Datasheet HTML 4Page - Analog Devices ADCMP607 Datasheet HTML 5Page - Analog Devices ADCMP607 Datasheet HTML 6Page - Analog Devices ADCMP607 Datasheet HTML 7Page - Analog Devices ADCMP607 Datasheet HTML 8Page - Analog Devices ADCMP607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Technical Data
ADCMP606/ADCMP607
Rev. PrA | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Supply Voltages
Input Supply Voltage (V
to GND)
−0.5 V to +6.0 V
CCI
−0.5 V to +6.0 V
Output Supply Voltage
(V
to GND)
CCO
−6.0 V to +6.0 V
Positive Supply Differential
(V
− V
)
CCI
CCO
Input Voltages
THERMAL RESISTANCE
Input Voltage
−0.5 V to V
+ 0.5 V
CCI
J
Differential Input Voltage
±(VCCI + 0.5 V)
A
is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Maximum Input/Output Current
±50 mA
Shutdown Control Pin
Table 3. Thermal Resistance
Applied Voltage (HYS to GND)
−0.5 V to V
+ 0.5 V
Package Type
θ
Unit
1
CCO
JA
Maximum Input/Output Current
±50 mA
ADCMP606 SC70 6-lead
426
°C/W
Latch/Hysteresis Control Pin
ADCMP607 LSCFP 12-lead
62
°C/W
Applied Voltage (HYS to GND)
−0.5 V to V
+ 0.5 V
CCO
1 Measurement in still air.
Maximum Input/Output Current
±50 mA
Output Current
±50 mA
Temperature
Operating Temperature, Ambient
−40°C to +125°C
Operating Temperature, Junction
150°C
Storage Temperature Range
−65°C to +150°C
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com