Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.8-R7 Datasheet (PDF) - Analog Devices

ADP2107ACPZ-1.8-R7 Datasheet PDF - Analog Devices
Part # ADP2107ACPZ-1.8-R7
Download  ADP2107ACPZ-1.8-R7 Download
File Size   1019.44 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters

ADP2107ACPZ-1.8-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP2107ACPZ-1.8-R7 Datasheet PDF - Analog Devices

Part # ADP2107ACPZ-1.8-R7
Download  ADP2107ACPZ-1.8-R7 Click to download

File Size   1019.44 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters

ADP2107ACPZ-1.8-R7 Datasheet (HTML) - Analog Devices


ADP2107ACPZ-1.8-R7 Product details

GENERAL DESCRIPTION
The ADP2105/ADP2106/ADP2107 are low quiescent current, synchronous, step-down dc-to-dc converters in a compact 4 mm × 4 mm LFCSP package. At medium to high load currents, these devices use a current mode, constant frequency pulse-width modulation (PWM) control scheme for excellent stability and transient response. To ensure the longest battery life in portable applications, the ADP2105/ADP2106/ADP2107 use a pulse frequency modulation (PFM) control scheme under light load conditions that reduces switching frequency to save power.

FEATURES
   Extremely high 97% efficiency
   Ultralow quiescent current: 20 μA
   1.2 MHz switching frequency
   0.1 μA shutdown supply current
   Maximum load current
      ADP2105: 1 A
      ADP2106: 1.5 A
      ADP2107: 2 A
   Input voltage: 2.7 V to 5.5 V
   Output voltage: 0.8 V to VIN
   Maximum duty cycle: 100%
   Smoothly transitions into low dropout (LDO) mode
   Internal synchronous rectifier
   Small 16-lead 4 mm × 4 mm LFCSP package
   Optimized for small ceramic output capacitors
   Enable/shutdown logic input
   Undervoltage lockout
   Soft start
   Supported by ADIsimPower™ design tool
  
APPLICATIONS
   Mobile handsets
   PDAs and palmtop computers
   Telecommunication/networking equipment
   Set top boxes
   Audio/video consumer electronics




Similar Part No. - ADP2107ACPZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP2107-1.8-EVALZ APEX-ADP2107-1.8-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
Analog Devices
ADP2107 AD-ADP2107_15 Datasheet
1,000Kb / 36P
1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
More results


Similar Description - ADP2107ACPZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
January 31, 2005
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
May 9, 2005
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
May 8, 2006
logo
Murata Power Solutions ...
OKI-78SR MURATA-PS-OKI-78SR Datasheet
482Kb / 10P
Fixed Output 1.5 Amp SIP DC/DC Converters
logo
Murata Manufacturing Co...
OKI-78SR MURATA-OKI-78SR Datasheet
429Kb / 10P
Fixed Output 1.5 Amp SIP DC/DC Converters
logo
Analog Devices
ADP2105 AD-ADP2105_15 Datasheet
1,000Kb / 36P
1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
ADP2106 AD-ADP2106_15 Datasheet
1,000Kb / 36P
1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
ADP2107 AD-ADP2107_15 Datasheet
1,000Kb / 36P
1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
logo
Renesas Technology Corp
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
Monolithic 4 Amp DC/DC Step-Down Regulator
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com