Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.8-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2107ACPZ-1.8-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.8-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2107ACPZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 9 of 32
10000
1
0.8
INPUT VOLTAGE (V)
10
100
1000
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
–40°C
+125°C
+25°C
Figure 16. Quiescent Current vs. Input Voltage
–40
125
TEMPERATURE (°C)
–20
0
20
40
60
80
100
120
0.795
0.796
0.797
0.798
0.799
0.800
0.801
0.802
Figure 17. Feedback Voltage vs. Temperature
1.75
1.25
2.7
5.7
INPUT VOLTAGE (V)
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
1.30
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
ADP2105 (1A)
TA = 25°C
Figure 18. Peak Current Limit of ADP2105
120
0
2.7
5.4
INPUT VOLTAGE (V)
100
80
60
40
20
3.03.33.63.94.24.54.85.1
NMOS SYNCHRONOUS RECTIFIER
PMOS POWER SWITCH
TA = 25°C
Figure 19. Switch On Resistance vs. Input Voltage
1260
1190
2.7
5.4
INPUT VOLTAGE (V)
1250
1240
1230
1220
1210
1200
3.03.33.63.94.24.54.85.1
–40°C
+25°C
+125°C
Figure 20. Switching Frequency vs. Input Voltage
2.35
1.85
2.7
5.7
INPUT VOLTAGE (V)
2.30
2.25
2.20
2.15
2.10
2.05
2.00
1.95
1.90
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
ADP2106 (1.5A)
TA = 25°C
Figure 21. Peak Current Limit of ADP2106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com