Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.8-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP2107ACPZ-1.8-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.8-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP2107ACPZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 20Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 21Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 22Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 23Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 24Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 25Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 26Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 23 of 32
6.
Because the ADP2106 is being used in this application, the
input capacitors are 10 μF and 4.7 μF X5R Murata capacitors
(GRM21BR61A106K and GRM21BR61A475K).
7.
The input filter consists of a small 0.1 μF ceramic capacitor
placed between IN and AGND and a 10 Ω resistor placed
between IN and PWIN1.
8.
Choose a soft start capacitor of 2 nF to achieve a soft start
time of 2 ms.
9.
Finally, the compensation resistor and capacitor can be
calculated as
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
REF
OUT
OUT
CS
m
CROSS
COMP
V
V
C
G
G
F
R
)
π
2
(
8
.
0
Ω
=
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
=
k
215
V
8
.
0
V
2
μF
30
V
/
A
8125
.
2
V
/
μA
50
kHz
80
)
π
2
(
8
.
0
pF
39
kΩ
215
kHz
80
π
2
π
2
=
×
×
=
=
COMP
CROSS
COMP
R
F
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com