Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.8-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2107ACPZ-1.8-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.8-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2107ACPZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 20Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 21Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 22Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 23Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 24Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 25Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 22 of 32
The rise in temperature of the package is directly proportional
to the power dissipation in the package. The proportionality
constant for this relationship is defined as the thermal
resistance from the junction of the die to the ambient
temperature, as shown in the following equation:
TR = θJA × PD
where:
TR is the rise in temperature of the package.
PD is the power dissipation in the package.
θJA is the thermal resistance from the junction of the die to the
ambient temperature of the package.
For example, consider an application where the ADP2107-1.8
is used with an input voltage of 3.6 V and a load current of 2 A.
Also, assume that the maximum ambient temperature is 85°C.
At a load current of 2 A, the most significant contributor of
power dissipation in the dc-to-dc converter package is the
conduction loss of the power switches. Using the graph of
switch resistance vs. temperature (see Figure 27), as well as the
equation of power loss given in the Power Switch Conduction
Losses section, the power dissipation in the package can be
calculated by
PSW − COND = [RDS(ON) − P × D + RDS(ON) − N × (1 − D)] × IOUT2 =
[109 mΩ × 0.5 + 90 mΩ × 0.5] × (2 A)2 ~ 400 mW
The θJA for the LFCSP_VQ package is 40°C/W, as shown in
Table 3. Thus, the rise in temperature of the package due to
power dissipation is
TR = θJA × PD = 40°C/W × 0.40 W = 16°C
The junction temperature of the converter is
TJ = TA + TR = 85°C + 16°C = 101°C
which is below the maximum junction temperature of 125°C.
Thus, this application operates reliably from a thermal point
of view.
DESIGN EXAMPLE
Consider an application with the following specifications:
Input Voltage = 3.6 V to 4.2 V.
Output Voltage = 2 V.
Typical Output Current = 600 mA.
Maximum Output Current = 1.2 A.
Soft Start Time = 2 ms.
Overshoot ≤ 100 mV under all load transient conditions.
1.
Choose the dc-to-dc converter that satisfies the maximum
output current requirement. Because the maximum output
current for this application is 1.2 A, the ADP2106 with a
maximum output current of 1.5 A is ideal for this
application.
2.
See whether the output voltage desired is available as a
fixed output voltage option. Because 2 V is not one of the
fixed output voltage options available, choose the adjustable
version of ADP2106.
3.
The first step in external component selection for an
adjustable version converter is to calculate the resistance of
the resistive voltage divider that sets the output voltage.
Ω
=
=
=
k
40
μ
20
V
8
.
0
A
I
V
R
STRING
FB
BOT
Ω
=
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
−
×
Ω
=
⎥
⎦
⎤
⎢
⎣
⎡
−
=
k
60
V
8
.
0
V
8
.
0
V
2
k
40
FB
FB
OUT
BOT
TOP
V
V
V
R
R
4.
Calculate the minimum inductor value as follows:
For the ADP2106:
L > (0.83 μH/V) × VOUT
L > 0.83 μH/V × 2 V
L > 1.66 μH
Next, calculate the ideal inductor value that sets the
inductor peak-to-peak current ripple, ΔIL, to1/3 of the
maximum load current at the maximum input voltage.
=
×
−
×
×
=
μH
)
(
5
.
2
)
(MAX
LOAD
IN
OUT
IN
OUT
IDEAL
I
V
V
V
V
L
μH
2.18
μH
2
.
1
2
.
4
)
2
2
.
4
(
2
5
.
2
=
×
−
×
×
The closest standard inductor value is 2.2 μH. The
maximum rms current of the inductor should be greater
than 1.2 A, and the saturation current of the inductor
should be greater than 2 A. One inductor that meets these
criteria is the LPS4012-2.2 μH from Coilcraft.
5.
Choose the output capacitor based on the transient
response requirements. The worst-case load transient is
1.2 A, for which the overshoot must be less than 100 mV,
which is 5% of the output voltage. Therefore, for a 1 A load
transient, the overshoot must be less than 4% of the output
voltage. For these conditions, Figure 37 gives
Output Capacitor × Output Voltage = 60 μC
μF
30
V
0
.
2
μC
60
≈
=
⇒
Capacitor
Output
Next, taking into account the loss of capacitance due to dc
bias, as shown in Figure 38, two 22 μF X5R MLCC capacitors
from Murata (GRM21BR60J226M) are sufficient for this
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com