Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.8-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP2107ACPZ-1.8-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.8-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP2107ACPZ-1.8-R7 Datasheet HTML 20Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 21Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 22Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 23Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 24Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 25Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 26Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 27Page - Analog Devices ADP2107ACPZ-1.8-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 24 of 32
EXTERNAL COMPONENT RECOMMENDATIONS
Table 10. Recommended External Components for Popular Output Voltage Options at 80 kHz Crossover Frequency with
10% Overshoot for a 1 A Load Transient (Refer to Figure 35 and Figure 36)
Part
VOUT (V)
CIN11 (μF)
CIN22 (μF)
COUT3 (μF)
L (μH)
RCOMP (kΩ)
CCOMP (pF)
RTOP4 (kΩ)
RBOT5 (kΩ)
ADP2105-ADJ
0.9
4.7
4.7
22 + 10
2.0
135
82
5
40
ADP2105-ADJ
1.2
4.7
4.7
22 + 4.7
2.5
135
82
20
40
ADP2105-ADJ
1.5
4.7
4.7
10 + 10
3.0
135
82
35
40
ADP2105-ADJ
1.8
4.7
4.7
10 + 10
3.3
135
82
50
40
ADP2105-ADJ
2.5
4.7
4.7
10 + 4.7
3.6
135
82
85
40
ADP2105-ADJ
3.3
4.7
4.7
10 + 4.7
4.1
135
82
125
40
ADP2106-ADJ
0.9
4.7
10
22 + 10
1.5
90
100
5
40
ADP2106-ADJ
1.2
4.7
10
22 + 4.7
1.8
90
100
20
40
ADP2106-ADJ
1.5
4.7
10
10 + 10
2.0
90
100
35
40
ADP2106-ADJ
1.8
4.7
10
10 + 10
2.2
90
100
50
40
ADP2106-ADJ
2.5
4.7
10
10 + 4.7
2.5
90
100
85
40
ADP2106-ADJ
3.3
4.7
10
10 + 4.7
3.0
90
100
125
40
ADP2107-ADJ
0.9
10
10
22 + 10
1.2
70
120
5
40
ADP2107-ADJ
1.2
10
10
22 + 4.7
1.5
70
120
20
40
ADP2107-ADJ
1.5
10
10
10 + 10
1.5
70
120
35
40
ADP2107-ADJ
1.8
10
10
10 + 10
1.8
70
120
50
40
ADP2107-ADJ
2.5
10
10
10 + 4.7
1.8
70
120
85
40
ADP2107-ADJ
3.3
10
10
10 + 4.7
2.5
70
120
125
40
ADP2105-1.2
1.2
4.7
4.7
22 + 4.7
2.5
135
82
-
-
ADP2105-1.5
1.5
4.7
4.7
10 + 10
3.0
135
82
-
-
ADP2105-1.8
1.8
4.7
4.7
10 + 10
3.3
135
82
-
-
ADP2105-3.3
3.3
4.7
4.7
10 + 4.7
4.1
135
82
-
-
ADP2106-1.2
1.2
4.7
10
22 + 4.7
1.8
90
100
-
-
ADP2106-1.5
1.5
4.7
10
10 + 10
2.0
90
100
-
-
ADP2106-1.8
1.8
4.7
10
10 + 10
2.2
90
100
-
-
ADP2106-3.3
3.3
4.7
10
10 + 4.7
3.0
90
100
-
-
ADP2107-1.2
1.2
10
10
22 + 4.7
1.5
70
120
-
-
ADP2107-1.5
1.5
10
10
10 + 10
1.5
70
120
-
-
ADP2107-1.8
1.8
10
10
10 + 10
1.8
70
120
-
-
ADP2107-3.3
3.3
10
10
10 + 4.7
2.5
70
120
-
-
1 4.7 μF 0805 X5R 10 V Murata–GRM21BR61A475KA73L.
10 μF 0805 X5R 10 V Murata–GRM21BR61A106KE19L.
2 4.7 μF 0805 X5R 10 V Murata–GRM21BR61A475KA73L.
10 μF 0805 X5R 10 V Murata–GRM21BR61A106KE19L.
3 4.7 μF 0805 X5R 10 V Murata–GRM21BR61A475KA73L.
10 μF 0805 X5R 10 V Murata–GRM21BR61A106KE19L.
22 μF 0805 X5R 6.3 V Murata–GRM21BR60J226ME39L.
4 0.5% accuracy resistor.
5 0.5% accuracy resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com