Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM461 Datasheet (PDF) - WOLFSPEED, INC.

AM461 Datasheet PDF - WOLFSPEED, INC.
Part # AM461
Download  AM461 Download
File Size   61.62 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description AMPLIFIER AND PROTECTION IC

AM461 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM461 Datasheet PDF - WOLFSPEED, INC.

Part # AM461
Download  AM461 Click to download

File Size   61.62 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description AMPLIFIER AND PROTECTION IC

AM461 Datasheet (HTML) - WOLFSPEED, INC.


AM461 Product details

FEATURES
• Supply Voltage Range: 6...35V
• Wide Operating Temperature Range:
–40°C...+85°C
• Voltage Reference: 5V
• Additional Voltage/Current Source
• Operational Amplifier Stage with Integrated Driver Output
• Adjustable Gain
• Adjustable Output Voltage Range e.g.
0...5/10V, others
• Reverse Polarity Protection
• Short Circuit Protection
• Output Current Limitation
• Low-Cost: Replaces a Multitude Number
of Discrete Components
DESCRIPTION
The AM461 is a universal useable amplifier and
protection IC with a multitude of additional functions. The IC contains of an externally adjustable
operational amplifier for conditioning of single
ended input signals. This amplifier has an integrated output driver stage with the ability to source
up to 5mA without the need of any external transistor. In addition, a voltage reference for the supply
of external components and another operational
amplifier that can be used as current/voltage source
or comparator is integrated.
Basic features of the IC are the wide range integrated of protection functions. The IC is protected
against reverse polarity and has a build-in output
current limitation. Using the amplifier IC AM461 it
is possible to generate stable standard voltages ranges
(e.g. 0-5/10V) in an easy and low-cost way.




Similar Part No. - AM461

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM461 AME-AM461 Datasheet
63Kb / 8P
AMPLIFIER AND PROTECTION IC
logo
Analog Microelectronics...
AM461 ANALOGMICRO-AM461 Datasheet
61Kb / 8P
AMPLIFIER AND PROTECTION IC
October 2002
More results


Similar Description - AM461

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM461 AME-AM461 Datasheet
63Kb / 8P
AMPLIFIER AND PROTECTION IC
logo
Texas Instruments
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com