Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM461 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # AM461
Description  AMPLIFIER AND PROTECTION IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM461 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  AM461 Datasheet HTML 1Page - WOLFSPEED, INC. AM461 Datasheet HTML 2Page - WOLFSPEED, INC. AM461 Datasheet HTML 3Page - WOLFSPEED, INC. AM461 Datasheet HTML 4Page - WOLFSPEED, INC. AM461 Datasheet HTML 5Page - WOLFSPEED, INC. AM461 Datasheet HTML 6Page - WOLFSPEED, INC. AM461 Datasheet HTML 7Page - WOLFSPEED, INC. AM461 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AMPLIFIER AND PROTECTION IC
AM461
analog microelectronics
October 2002
7/8
PRINCIPLE APPLICATION EXAMPLES
• Application as processor interface
AM461
6...35V
e.g. 0...5/10V
Reverse polarity and
short circuit protection
µP
A
D
V
REF = 5V
V
CVREF = 3.3V
Figure 4: Application as processor interface
• Application as amplifier IC and impedance converter
AM461
6...35V
e.g. 0...5/10V
V
IN = 0...1, 0...5V
others
Reverse polarity and
short circuit protection
Figure 5: Application as amplifier IC and impedance converter
• Application as voltage regulator and protection IC for controllers
Reverse polarity and
short circuit protection
AM461
6...35V
V
REF = 5V
µP
µP
Figure 6: Application as voltage regulator and protection IC for controllers



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com