Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM461 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # AM461
Description  AMPLIFIER AND PROTECTION IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM461 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  AM461 Datasheet HTML 1Page - WOLFSPEED, INC. AM461 Datasheet HTML 2Page - WOLFSPEED, INC. AM461 Datasheet HTML 3Page - WOLFSPEED, INC. AM461 Datasheet HTML 4Page - WOLFSPEED, INC. AM461 Datasheet HTML 5Page - WOLFSPEED, INC. AM461 Datasheet HTML 6Page - WOLFSPEED, INC. AM461 Datasheet HTML 7Page - WOLFSPEED, INC. AM461 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AMPLIFIER AND PROTECTION IC
AM461
analog microelectronics
October 2002
5/8
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Voltage Output Stage OP1
Adjustable Gain
GOP1
1
Input Range
IR
VCC < 10V
0
VCC – 5
V
IR
VCC ≥ 10V
05
V
Power Supply Rejection Ratio
PSRR
80
90
dB
Offset Voltage
VOS
±
0.5
±
2mV
VOS vs. Temperature
dVOS/dT
±
3
±
7µV/°C
Input Bias Current
IB
512
nA
IB vs. Temperature
dIB/dT
3.5
10
pA/°C
Output Voltage Range
VOUT
VCC < 18V
0
VCC – 5
V
VOUT
VCC ≥ 18V
013
V
Output Current Limitation
ILIM
VOUT ≥ 10V, R1 + R2 ≥ 100kΩ
57
10
mA
Output Current
IOUT
Source
0
ILIM
mA
Output Resistance
ROUT
Source
0.5
Ω
Load Resistance
RL
2
10
100
k
Ω
Load Capacitance @ VOUT
CL
0
500
nF
Protection Functions
Protection against reverse polarity
Ground vs. VCC vs. VOUT, R1 ≥ 20kΩ
35
V
Currents flowing into the IC are negative
BOUNDARY CONDITIONS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Sum Gain Resistors
R1 + R2
20
100
200
k
Ω
Sum Reference Adjustment Resistors
R3 + R4
20
100
200
k
Ω
Stabilisation Capacitance @ VREF
C1
1.9
2.2
5.0
µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com