Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM461 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # AM461
Description  AMPLIFIER AND PROTECTION IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

AM461 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  AM461 Datasheet HTML 1Page - WOLFSPEED, INC. AM461 Datasheet HTML 2Page - WOLFSPEED, INC. AM461 Datasheet HTML 3Page - WOLFSPEED, INC. AM461 Datasheet HTML 4Page - WOLFSPEED, INC. AM461 Datasheet HTML 5Page - WOLFSPEED, INC. AM461 Datasheet HTML 6Page - WOLFSPEED, INC. AM461 Datasheet HTML 7Page - WOLFSPEED, INC. AM461 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AMPLIFIER AND PROTECTION IC
AM461
analog microelectronics
October 2002
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
1/8
An der Fahrt 13, 55124 Mainz, Germany
Fax:
+49 (0)6131/91 073 – 30
Rev. 1.1
Internet: http://www.analogmicro.info
E–mail:
info@analogmicro.info
PRINCIPLE FUNCTION
Amplification of Single Ended Signals (Voltage)
Protection Functions for External Devices
Additional Adjustable Current/Voltage Source
V
REF = z.B. 5V or 3.3V
AM461
V
CC = 6...35V
V
OUT = e.g. 0...5/10V
I
S = 1.5mA
Input voltage
single ended
e.g. 0...1V, 0...5V
TYPICAL APPLICATIONS
• Impedance Converter
• Adjustable Voltage Source
• Voltage Regulator with Additional Functions
• Protection IC for Microcontroller (Frame ASIC Concept [1])
• Protected Current Source


Similar Part No. - AM461

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM461 AME-AM461 Datasheet
63Kb / 8P
AMPLIFIER AND PROTECTION IC
logo
Analog Microelectronics...
AM461 ANALOGMICRO-AM461 Datasheet
61Kb / 8P
AMPLIFIER AND PROTECTION IC
October 2002
More results

Similar Description - AM461

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM461 AME-AM461 Datasheet
63Kb / 8P
AMPLIFIER AND PROTECTION IC
logo
Texas Instruments
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com