Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513 Datasheet (PDF) - Analog Devices

AD9513 Datasheet PDF - Analog Devices
Part # AD9513
Download  AD9513 Download
File Size   609.57 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs

AD9513 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9513 Datasheet PDF - Analog Devices

Part # AD9513
Download  AD9513 Click to download

File Size   609.57 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs

AD9513 Datasheet (HTML) - Analog Devices


AD9513 Product details

GENERAL DESCRIPTION
The AD9513 features a three-output clock distribution IC in a design that emphasizes low jitter and phase noise to maximize data converter performance. Other applications with demanding phase noise and jitter requirements also benefit from this part.

FEATURES
    1.6 GHz differential clock input
    3 programmable dividers
        Divide-by in range from1 to 32
        Phase select for coarse delay adjust
    Three 800 MHz/250 MHz LVDS/CMOS clock outputs
        Additive output jitter 300 fs rms
        Time delays up to 11.6 ns
    Device configured with 4-level logic pins
    Space-saving, 32-lead LFCSP

APPLICATIONS
    Low jitter, low phase noise clock distribution
    Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
    High performance wireless transceivers
    High performance instrumentation
    Broadband infrastructure
    ATE




Similar Part No. - AD9513

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9513 AD-AD9513 Datasheet
481Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
10/2017-Rev. A to Rev. B
AD9513BCPZ AD-AD9513BCPZ Datasheet
481Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
10/2017-Rev. A to Rev. B
AD9513BCPZ-REEL7 AD-AD9513BCPZ-REEL7 Datasheet
481Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
10/2017-Rev. A to Rev. B
AD9513 AD-AD9513_15 Datasheet
610Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9513 AD-AD9513_17 Datasheet
481Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
10/2017-Rev. A to Rev. B
More results


Similar Description - AD9513

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9512 AD-AD9512 Datasheet
125Kb / 2P
800 MHz Clock Distribution IC,1.5 GHz Inputs, Dividers, Delay Adjust, Five Outputs
AD9514 AD-AD9514 Datasheet
633Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
7/05-Revision 0
AD9515 AD-AD9515 Datasheet
656Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
7/05-Revision 0
AD9510 AD-AD9510_15 Datasheet
886Kb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. B
AD9513 AD-AD9513_15 Datasheet
610Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9514 AD-AD9514_15 Datasheet
634Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9515 AD-AD9515_15 Datasheet
469Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. A
AD9513 AD-AD9513_17 Datasheet
481Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
10/2017-Rev. A to Rev. B
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
9/2016-Rev. B to Rev. C
AD9515 AD-AD9515_V01 Datasheet
407Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com