Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9513
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9513 Datasheet HTML 6Page - Analog Devices AD9513 Datasheet HTML 7Page - Analog Devices AD9513 Datasheet HTML 8Page - Analog Devices AD9513 Datasheet HTML 9Page - Analog Devices AD9513 Datasheet HTML 10Page - Analog Devices AD9513 Datasheet HTML 11Page - Analog Devices AD9513 Datasheet HTML 12Page - Analog Devices AD9513 Datasheet HTML 13Page - Analog Devices AD9513 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD9513
Rev. 0 | Page 10 of 28
TIMING DIAGRAMS
CLK
tCLK
tLVDS
tCMOS
Figure 2. CLK/CLKB to Clock Output Timing, DIV = 1 Mode
DIFFERENTIAL
LVDS
80%
20%
tRL
tFL
Figure 3. LVDS Timing, Differential
SINGLE-ENDED
CMOS
3pF LOAD
80%
20%
tRC
tFC
Figure 4. CMOS Timing, Single-Ended, 3 pF Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com