Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9513
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9513 Datasheet HTML 19Page - Analog Devices AD9513 Datasheet HTML 20Page - Analog Devices AD9513 Datasheet HTML 21Page - Analog Devices AD9513 Datasheet HTML 22Page - Analog Devices AD9513 Datasheet HTML 23Page - Analog Devices AD9513 Datasheet HTML 24Page - Analog Devices AD9513 Datasheet HTML 25Page - Analog Devices AD9513 Datasheet HTML 26Page - Analog Devices AD9513 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD9513
Rev. 0 | Page 23 of 28
APPLICATIONS
USING THE AD9513 OUTPUTS FOR ADC CLOCK
APPLICATIONS
Any high speed, analog-to-digital converter (ADC) is extremely
sensitive to the quality of the sampling clock provided by the
user. An ADC can be thought of as a sampling mixer; any noise,
distortion, or timing jitter on the clock is combined with the
desired signal at the A/D output. Clock integrity requirements
scale with the analog input frequency and resolution, with
higher analog input frequency applications at ≥14-bit resolution
being the most stringent. The theoretical SNR of an ADC is
limited by the ADC resolution and the jitter on the sampling
clock. Considering an ideal ADC of infinite resolution where
the step size and quantization error can be ignored, the available
SNR can be expressed approximately by
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
×
=
j
ft
SNR
2π
1
log
20
where f is the highest analog frequency being digitized.
tj is the rms jitter on the sampling clock.
Figure 29 shows the required sampling clock jitter as a function
of the analog frequency and effective number of bits (ENOB).
fA FULL-SCALE SINE WAVE ANALOG FREQUENCY (MHz)
10
1k
100
30
40
50
60
70
80
90
100
110
6
8
10
12
14
16
18
T
J
= 100f
S
200f
S
400f
S
1ps
2ps
10ps
SNR = 20log
1
2
πfATJ
Figure 29. ENOB and SNR vs. Analog Input Frequency
See Application Note AN-756 and Application Note AN-501 at
www.analog.com.
Many high performance ADCs feature differential clock inputs
to simplify the task of providing the required low jitter clock on
a noisy PCB. (Distributing a single-ended clock on a noisy PCB
can result in coupled noise on the sample clock. Differential
distribution has inherent common-mode rejection that can
provide superior clock performance in a noisy environment.)
The AD9513 features LVDS outputs that provide differential
clock outputs, which enable clock solutions that maximize
converter SNR performance. The input requirements of the
ADC (differential or single-ended, logic level, termination)
should be considered when selecting the best clocking/
converter solution.
LVDS CLOCK DISTRIBUTION
The AD9513 provides three clock outputs that are selectable as
either CMOS or LVDS levels. LVDS uses a current mode output
stage. The current is 3.5 mA, which yields 350 mV output swing
across a 100 Ω resistor. The LVDS outputs meet or exceed all
ANSI/TIA/EIA-644 specifications.
A recommended termination circuit for the LVDS outputs
is shown in Figure 30.
VS
LVDS
100Ω
DIFFERENTIAL (COUPLED)
VS
LVDS
100Ω
Figure 30. LVDS Output Termination
See Application Note AN-586 at www.analog.com for more
information on LVDS.
CMOS CLOCK DISTRIBUTION
The AD9513 provides three outputs that are selectable as either
CMOS or LVDS levels. When selected as CMOS, an output
provides for driving devices requiring CMOS level logic at their
clock inputs.
Whenever single-ended CMOS clocking is used, some of the
following general guidelines should be used.
Point-to-point nets should be designed such that a driver has
one receiver only on the net, if possible. This allows for simple
termination schemes and minimizes ringing due to possible
mismatched impedances on the net. Series termination at the
source is generally required to provide transmission line
matching and/or to reduce current transients at the driver.
The value of the resistor is dependent on the board design and
timing requirements (typically 10 Ω to 100 Ω is used). CMOS
outputs are also limited in terms of the capacitive load or trace
length that they can drive. Typically, trace lengths less than
3 inches are recommended to preserve signal rise/fall times
and preserve signal integrity.
10Ω
MICROSTRIP
GND
5pF
60.4Ω
1.0 INCH
CMOS
Figure 31. Series Termination of CMOS Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com