Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9513
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9513 Datasheet HTML 7Page - Analog Devices AD9513 Datasheet HTML 8Page - Analog Devices AD9513 Datasheet HTML 9Page - Analog Devices AD9513 Datasheet HTML 10Page - Analog Devices AD9513 Datasheet HTML 11Page - Analog Devices AD9513 Datasheet HTML 12Page - Analog Devices AD9513 Datasheet HTML 13Page - Analog Devices AD9513 Datasheet HTML 14Page - Analog Devices AD9513 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD9513
Rev. 0 | Page 11 of 28
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter or Pin
With
Respect
to
Min
Max
Unit
VS
GND
−0.3
+3.6
V
RSET
GND
−0.3
VS + 0.3
V
CLK
GND
−0.3
VS + 0.3
V
CLK
CLKB
−1.2
+1.2
V
OUT0, OUT1, OUT2
GND
−0.3
VS + 0.3
V
FUNCTION
GND
−0.3
VS + 0.3
V
STATUS
GND
−0.3
VS + 0.3
V
Junction Temperature1
150
°C
Storage Temperature
−65
+150
°C
Lead Temperature (10 sec)
300
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum ratings for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS2
Thermal Resistance
32-Lead LFCSP3
θJA = 36.6°C/W
1 See Thermal Characteristics for θJA.
2 Thermal impedance measurements were taken on a 4-layer board in still air
in accordance with EIA/JESD51-7.
3 The external pad of this package must be soldered to adequate copper land
on board.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com