Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9513
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9513 Datasheet HTML 17Page - Analog Devices AD9513 Datasheet HTML 18Page - Analog Devices AD9513 Datasheet HTML 19Page - Analog Devices AD9513 Datasheet HTML 20Page - Analog Devices AD9513 Datasheet HTML 21Page - Analog Devices AD9513 Datasheet HTML 22Page - Analog Devices AD9513 Datasheet HTML 23Page - Analog Devices AD9513 Datasheet HTML 24Page - Analog Devices AD9513 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD9513
Rev. 0 | Page 21 of 28
DELAY BLOCK
OUT2 includes an analog delay element that gives variable time
delays (ΔT) in the clock signal passing through that output.
÷N
ØSELECT
LVDS
CMOS
∆T
OUTPUT
DRIVER
FINE DELAY ADJUST
(16 STEPS)
FULL SCALE : 1.5ns, 5ns, 10ns
CLOCK INPUT
OUT1 ONLY
Figure 25. Analog Delay Block
The amount of delay that can be used is determined by the
output frequency. The amount of delay is limited to less than
one-half cycle of the clock period. For example, for a 10 MHz
clock, the delay can extend to the full 11.6 ns maximum. However,
for a 100 MHz clock, the maximum delay is less than 5 ns (or
half of the period).
The AD9513 allows for the selection of three full-scale delays,
1.8 ns, 6.0 ns, and 11.6 ns, set by delay full-scale (see Table 11).
Each of these full-scale delays can be scaled by 16 fine
adjustment values, which are set by the delay word (see Table 13).
The delay block adds some jitter to the output. This means that
the delay function should be used primarily for clocking digital
chips, such as FPGA, ASIC, DUC, and DDC, rather than for
supplying a sample clock for data converters. The jitter is higher
for longer full scales because the delay block uses a ramp and
trip points to create the variable delay. A longer ramp means
more noise has a chance of being introduced.
When the delay block is OFF (bypassed), it is also powered
down.
OUTPUTS
Each of the three AD9513 outputs can be selected either as
LVDS differential outputs or as pairs of CMOS single-ended
outputs. If selected as CMOS, the OUT is a noninverted, single-
ended output, and OUTB is an inverted, single-ended output.
OUTB
OUT
3.5mA
3.5mA
Figure 26. LVDS Output Simplified Equivalent Circuit
OUT1/
OUT1B
VS
Figure 27. CMOS Equivalent Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com