Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9513
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513 Datasheet(HTML) 1 Page - Analog Devices

  AD9513 Datasheet HTML 1Page - Analog Devices AD9513 Datasheet HTML 2Page - Analog Devices AD9513 Datasheet HTML 3Page - Analog Devices AD9513 Datasheet HTML 4Page - Analog Devices AD9513 Datasheet HTML 5Page - Analog Devices AD9513 Datasheet HTML 6Page - Analog Devices AD9513 Datasheet HTML 7Page - Analog Devices AD9513 Datasheet HTML 8Page - Analog Devices AD9513 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
800 MHz Clock Distribution IC, Dividers,
Delay Adjust, Three Outputs
AD9513
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
1.6 GHz differential clock input
3 programmable dividers
Divide-by in range from1 to 32
Phase select for coarse delay adjust
Three 800 MHz/250 MHz LVDS/CMOS clock outputs
Additive output jitter 300 fs rms
Time delays up to 11.6 ns
Device configured with 4-level logic pins
Space-saving, 32-lead LFCSP
APPLICATIONS
Low jitter, low phase noise clock distribution
Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
High performance wireless transceivers
High performance instrumentation
Broadband infrastructure
ATE
FUNCTIONAL BLOCK DIAGRAM
CLK
CLKB
SYNCB
RSET
VSGND
AD9513
VREF
S10 S9S8S7S6S5S4S3S2S1
S0
SETUP LOGIC
OUT0
OUT0B
/1. . . /32
LVDS/CMOS
OUT1
OUT1B
/1. . . /32
LVDS/CMOS
OUT2
OUT2B
/1. . . /32
LVDS/CMOS
∆
t
Figure 1.
GENERAL DESCRIPTION
The AD9513 features a three-output clock distribution IC in a
design that emphasizes low jitter and phase noise to maximize
data converter performance. Other applications with
demanding phase noise and jitter requirements also benefit
from this part.
There are three independent clock outputs that can be set to
either LVDS or CMOS levels. These outputs operate to
800 MHz in LVDS mode and to 250 MHz in CMOS mode.
Each output has a programmable divider that can be set to
divide by a selected set of integers ranging from 1 to 32. The
phase of one clock output relative to the other clock output can
be set by means of a divider phase select function that serves as
a coarse timing adjustment.
One of the outputs features a delay element with three selectable
full-scale delay values (1.8 ns, 6.0 ns, and 11.6 ns), each with
16 steps of fine adjustment.
The AD9513 does not require an external controller for
operation or setup. The device is programmed by means of
11 pins (S0 to S10) using 4-level logic. The programming pins
are internally biased to ⅓ VS. The VREF pin provides a level of
⅔ VS. VS (3.3 V) and GND (0 V) provide the other two logic levels.
The AD9513 is ideally suited for data converter clocking
applications where maximum converter performance is
achieved by encode signals with subpicosecond jitter.
The AD9513 is available in a 32-lead LFCSP and operates from
a single 3.3 V supply. The temperature range is −40°C to +85°C.


Similar Part No. - AD9513

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9513 AD-AD9513 Datasheet
481Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
10/2017-Rev. A to Rev. B
AD9513BCPZ AD-AD9513BCPZ Datasheet
481Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
10/2017-Rev. A to Rev. B
AD9513BCPZ-REEL7 AD-AD9513BCPZ-REEL7 Datasheet
481Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
10/2017-Rev. A to Rev. B
AD9513 AD-AD9513_15 Datasheet
610Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9513 AD-AD9513_17 Datasheet
481Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
10/2017-Rev. A to Rev. B
More results

Similar Description - AD9513

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9512 AD-AD9512 Datasheet
125Kb / 2P
800 MHz Clock Distribution IC,1.5 GHz Inputs, Dividers, Delay Adjust, Five Outputs
AD9514 AD-AD9514 Datasheet
633Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
7/05-Revision 0
AD9515 AD-AD9515 Datasheet
656Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
7/05-Revision 0
AD9510 AD-AD9510_15 Datasheet
886Kb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
REV. B
AD9513 AD-AD9513_15 Datasheet
610Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9514 AD-AD9514_15 Datasheet
634Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9515 AD-AD9515_15 Datasheet
469Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. A
AD9513 AD-AD9513_17 Datasheet
481Kb / 28P
800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
10/2017-Rev. A to Rev. B
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
9/2016-Rev. B to Rev. C
AD9515 AD-AD9515_V01 Datasheet
407Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com