Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9513
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9513 Datasheet HTML 8Page - Analog Devices AD9513 Datasheet HTML 9Page - Analog Devices AD9513 Datasheet HTML 10Page - Analog Devices AD9513 Datasheet HTML 11Page - Analog Devices AD9513 Datasheet HTML 12Page - Analog Devices AD9513 Datasheet HTML 13Page - Analog Devices AD9513 Datasheet HTML 14Page - Analog Devices AD9513 Datasheet HTML 15Page - Analog Devices AD9513 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD9513
Rev. 0 | Page 12 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
VS
2
CLK
3
CLKB
4
VS
5
SYNCB
6
VREF
7
S10
8
S9
18 OUT2B
19 OUT2
20 VS
21 VS
22 OUT1B
23 OUT1
24 VS
17 VS
TOP VIEW
(Not to Scale)
AD9513
Figure 5. 32-Lead LFCSP Pin Configuration
1
32
8
9
25
24
16
17
THE EXPOSED PADDLE
IS AN ELECTRICAL AND
THERMAL CONNECTION
EXPOSED PAD
(BOTTOM VIEW)
GND
Figure 6. Exposed Paddle
Note that the exposed paddle on this package is an electrical connection as well as a thermal enhancement. For the device to
function properly, the paddle must be soldered to a PCB land that functions as both a heat dissipation path as well as an electrical
ground.
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4 ,17 ,20, 21,
24, 26, 29, 30
VS
Power Supply (3.3 V).
2
CLK
Clock Input.
3
CLKB
Complementary Clock Input.
5
SYNCB
Used to Synchronize Outputs.
6
VREF
Provides 2/3 VS for use as one of the four logic levels on S0 to S10.
7 to16, 25
S10 to S1, S0
Setup Select Pins. These are 4-state logic. The logic levels are VS, GND, 1/3 VS, and 2/3 VS. The
VREF pin provides 2/3 VS. Each pin is internally biased to 1/3 VS so that a pin requiring that logic
level should be left NC (no connection).
18
OUT2B
Complementary LVDS/Inverted CMOS Output.
19
OUT2
LVDS/CMOS Output.
22
OUT1B
Complementary LVDS/Inverted CMOS Output. OUT6 includes a delay block.
23
OUT1
LVDS/CMOS Output. OUT6 includes a delay block.
27
OUT0B
Complementary LVDS/Inverted CMOS Output. OUT5 includes a delay block.
28
OUT0
LVDS/CMOS Output. OUT5 includes a delay block.
31
GND
Ground. The exposed paddle on the back of the chip is also GND.
32
RSET
Current Set Resistor to Ground. Nominal value = 4.12 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com