Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9513
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9513 Datasheet HTML 16Page - Analog Devices AD9513 Datasheet HTML 17Page - Analog Devices AD9513 Datasheet HTML 18Page - Analog Devices AD9513 Datasheet HTML 19Page - Analog Devices AD9513 Datasheet HTML 20Page - Analog Devices AD9513 Datasheet HTML 21Page - Analog Devices AD9513 Datasheet HTML 22Page - Analog Devices AD9513 Datasheet HTML 23Page - Analog Devices AD9513 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD9513
Rev. 0 | Page 20 of 28
Table 16. OUT0 Divide or OUT2 Divide
S9
S10
OUT0
Divide (Duty Cycle1)
S2 ≠ 2/3
OUT2
Divide (Duty Cycle1)
S2 = 2/3
0
0
1
7 (43%)
1/3
0
2 (50%)
11 (45%)
2/3
0
3 (33%)
13 (46%)
1
0
4 (50%)
14 (50%)
0
1/3
5 (40%)
17 (47%)
1/3
1/3
6 (50%)
19 (47%)
2/3
1/3
8 (50%)
20 (50%)
1
1/3
9 (44%)
21 (48%)
0
2/3
10 (50%)
22 (50%)
1/3
2/3
12 (50%)
23 (48%)
2/3
2/3
15 (47%)
25 (48%)
1
2/3
16 (50%)
26 (50%)
0
1
18 (50%)
27 (48%)
1/3
1
24 (50%)
28 (50%)
2/3
1
30 (50%)
29 (48%)
1
1
32 (50%)
31 (48%)
1 Duty cycle is the clock signal high time divided by the total period.
DIVIDER PHASE OFFSET
The phase offset of OUT1 and OUT2 can be selected (see Table 13
to Table 15). This allows the relative phase of the outputs to be set.
After a SYNC operation (see the Synchronization section), the
phase offset word of each divider determines the number of
input clock (CLK) cycles to wait before initiating a clock output
edge. By giving each divider a different phase offset, output-to-
output delays can be set in increments of the fast clock period, tCLK.
Figure 24 shows four cases, each with the divider set to divide = 4.
By incrementing the phase offset from 0 to 3, the output is
offset from the initial edge by a multiple of tCLK.
01
4
123
5
9
67
8
10
14
11 12 13
5
tCLK
CLOCK INPUT
CLK
DIVIDER OUTPUT
DIV = 4
PHASE = 0
PHASE = 1
PHASE = 2
PHASE = 3
tCLK
2 × tCLK
3 × tCLK
Figure 24. Phase Offset—Divider Set for Divide = 4, Phase Set from 0 to 2
For example:
CLK = 491.52 MHz
tCLK = 1/491.52 = 2.0345 ns
For Divide = 4:
Phase Offset 0 = 0 ns
Phase Offset 1 = 2.0345 ns
Phase Offset 2 = 4.069 ns
Phase Offset 3 = 6.104 ns
The outputs can also be described as:
Phase Offset 0 = 0°
Phase Offset 1 = 90°
Phase Offset 2 = 180°
Phase Offset 3 = 270°
Setting the phase offset to Phase = 4 results in the same relative
phase as Phase = 0° or 360°.
The resolution of the phase offset is set by the fast clock period
(tCLK) at CLK. The maximum unique phase offset is less than the
divide ratio, up to a phase offset of 15.
Phase offsets can be related to degrees by calculating the phase
step for a particular divide ratio:
Phase Step = 360°/Divide Ratio
Using some of the same examples:
Divide = 4
Phase Step = 360°/4 = 90°
Unique Phase Offsets in Degrees Are Phase = 0°, 90°,
180°, 270°
Divide = 9
Phase Step = 360°/9 = 40°
Unique Phase Offsets in Degrees Are Phase = 0°, 40°, 80°,
120°, 160°, 200°, 240°, 280°, 320°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com