Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9513
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9513 Datasheet HTML 5Page - Analog Devices AD9513 Datasheet HTML 6Page - Analog Devices AD9513 Datasheet HTML 7Page - Analog Devices AD9513 Datasheet HTML 8Page - Analog Devices AD9513 Datasheet HTML 9Page - Analog Devices AD9513 Datasheet HTML 10Page - Analog Devices AD9513 Datasheet HTML 11Page - Analog Devices AD9513 Datasheet HTML 12Page - Analog Devices AD9513 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD9513
Rev. 0 | Page 9 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DELAY BLOCK ADDITIVE TIME JITTER1
100 MHz output; incremental additive jitter1
Delay FS = 1.8 ns Fine Adj. 00000
0.71
ps rms
Delay FS = 1.8 ns Fine Adj. 11111
1.2
ps rms
Delay FS = 6.0 ns Fine Adj. 00000
1.3
ps rms
Delay FS = 6.0 ns Fine Adj. 11111
2.7
ps rms
Delay FS = 11.6 ns Fine Adj. 00000
2.0
ps rms
Delay FS = 11.6 ns Fine Adj. 11111
2.8
ps rms
1 This value is incremental. That is, it is in addition to the jitter of the LVDS or CMOS output without the delay. To estimate the total jitter, the LVDS or CMOS output jitter
should be added to this value using the root sum of the squares (RSS) method.
SYNCB, VREF, AND SETUP PINS
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SYNCB
Logic High
2.7
V
Logic Low
0.40
V
Capacitance
2
pF
VREF
Output Voltage
0.62·VS
0.76·VS
V
Minimum − maximum from 0 mA to 1 mA load
S0 TO S10
Levels
0
0.1·VS
V
1/3
0.2·VS
0.45·VS
V
2/3
0.55·VS
0.8·VS
V
1
0.9·VS
V
POWER
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER-ON SYNCHRONIZATION1
35
ms
See the Power-On SYNC section.
VS Transit Time from 2.2 V to 3.1 V
POWER DISSIPATION
175
325
575
mW
All three outputs on. LVDS (divide = 2). No clock. Does not include
power dissipated in external resistors.
240
460
615
mW
All three outputs on. CMOS (divide = 2); 62.5 MHz out (5 pF load).
320
605
840
mW
All three outputs on. CMOS (divide = 2); 125 MHz out (5 pF load).
POWER DELTA
Divider (Divide = 2 to Divide = 1)
15
30
45
mW
For each divider. No clock.
LVDS Output
20
50
85
mW
No clock.
CMOS Output (Static)
30
40
50
mW
No clock.
CMOS Output (@ 62.5 MHz)
65
110
155
mW
Single-ended. At 62.5 MHz out with 5 pF load.
CMOS Output (@ 125 MHz)
70
145
220
mW
Single-ended. At 125 MHz out with 5 pF load.
Delay Block
30
45
65
mW
Off to 1.8 ns fs, delay word = 60; output clocking at 62.5 MHz.
1 This is the rise time of the VS supply that is required to ensure that a synchronization of the outputs occurs on power-up. The critical factor is the time it takes the VS to
transition the range from 2.2 V to 3 .1 V. If the rise time is too slow, the outputs are not synchronized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com