Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9513
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9513 Datasheet HTML 10Page - Analog Devices AD9513 Datasheet HTML 11Page - Analog Devices AD9513 Datasheet HTML 12Page - Analog Devices AD9513 Datasheet HTML 13Page - Analog Devices AD9513 Datasheet HTML 14Page - Analog Devices AD9513 Datasheet HTML 15Page - Analog Devices AD9513 Datasheet HTML 16Page - Analog Devices AD9513 Datasheet HTML 17Page - Analog Devices AD9513 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD9513
Rev. 0 | Page 14 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT FREQUENCY (MHz)
800
600
400
200
0.1
0.4
0.3
0.2
3 LVDS (DIV ON)
3 LVDS (DIV = 1)
Figure 7. Power vs. Frequency—LVDS
START 300kHz
STOP 5GHz
Figure 8. CLK Smith Chart (Evaluation Board)
OUTPUT FREQUENCY (MHz)
120
100
80
60
40
20
0
0.1
0.7
0.6
0.5
0.4
0.3
0.2
3 CMOS (DIV ON)
3 CMOS (DIV OFF)
Figure 9. Power vs. Frequency—CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com