Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9513
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9513 Datasheet HTML 18Page - Analog Devices AD9513 Datasheet HTML 19Page - Analog Devices AD9513 Datasheet HTML 20Page - Analog Devices AD9513 Datasheet HTML 21Page - Analog Devices AD9513 Datasheet HTML 22Page - Analog Devices AD9513 Datasheet HTML 23Page - Analog Devices AD9513 Datasheet HTML 24Page - Analog Devices AD9513 Datasheet HTML 25Page - Analog Devices AD9513 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD9513
Rev. 0 | Page 22 of 28
POWER SUPPLY
The AD9513 requires a 3.3 V ± 5% power supply for VS. The
tables in the Specifications section give the performance
expected from the AD9513 with the power supply voltage
within this range. In no case should the absolute maximum
range of −0.3 V to +3.6 V, with respect to GND, be exceeded
on Pin VS.
Good engineering practice should be followed in the layout of
power supply traces and the ground plane of the PCB. The
power supply should be bypassed on the PCB with adequate
capacitance (>10 μF). The AD9513 should be bypassed with
adequate capacitors (0.1 μF) at all power pins as close as
possible to the part. The layout of the AD9513 evaluation
board (AD9513/PCB) is a good example.
Exposed Metal Paddle
The exposed metal paddle on the AD9513 package is an
electrical connection, as well as a thermal enhancement. For
the device to function properly, the paddle must be properly
attached to ground (GND).
The exposed paddle of the AD9513 package must be soldered
down.
The AD9513 must dissipate heat through its exposed
paddle. The PCB acts as a heat sink for the AD9513. The PCB
attachment must provide a good thermal path to a larger heat
dissipation area, such as a ground plane on the PCB. This
requires a grid of vias from the top layer down to the ground
plane (see Figure 28).The AD9513 evaluation board
(AD9513/PCB)provides a good example of how the part
should be attached to the PCB.
VIAS TO GND PLANE
Figure 28. PCB Land for Attaching Exposed Paddle
POWER MANAGEMENT
In some cases, the AD9513 can be configured to use less power
by turning off functions that are not being used.
The power-saving options include the following:
•
A divider is powered down when set to divide = 1
(bypassed).
•
Adjustable delay block on OUT2 is powered down when in
off mode (S0 = 0).
•
An unneeded output can be powered down (see Table 12).
This also powers down the divider for that output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com