Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9513 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9513
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9513 Datasheet HTML 14Page - Analog Devices AD9513 Datasheet HTML 15Page - Analog Devices AD9513 Datasheet HTML 16Page - Analog Devices AD9513 Datasheet HTML 17Page - Analog Devices AD9513 Datasheet HTML 18Page - Analog Devices AD9513 Datasheet HTML 19Page - Analog Devices AD9513 Datasheet HTML 20Page - Analog Devices AD9513 Datasheet HTML 21Page - Analog Devices AD9513 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD9513
Rev. 0 | Page 18 of 28
Synchronization is initiated by pulling the SYNCB pin low for a
minimum of 5 ns. The input clock does not have to be present
at the time the command is issued. The synchronization occurs
after four input clock cycles.
The synchronization applies to clock outputs
•
that are not turned OFF
•
where the divider is not divide = 1 (divider bypassed)
An output with its divider set to divide = 1 (divider bypassed)
is always synchronized with the input clock, with a propagation
delay.
The SYNCB pin must be pulled up for normal operation. Do
not let the SYNCB pin float.
RSET RESISTOR
The internal bias currents of the AD9513 are set by the
RSET resistor. This resistor should be as close as possible to
the value given as a condition in the Specifications section
(RSET = 4.12 kΩ). This is a standard 1% resistor value and should
be readily obtainable. The bias currents set by this resistor
determine the logic levels and operating conditions of the
internal blocks of the AD9513. The performance figures given
in the Specifications section assume that this resistor value is
used for RSET.
VREF
The VREF pin provides a voltage level of ⅔ VS. This voltage is
one of the four logic levels used by the setup pins (S0 to S10).
These pins set the operation of the AD9513. The VREF pin
provides sufficient drive capability to drive as many of the setup
pins as necessary, up to all on a single part. The VREF pin
should be used for no other purpose.
SETUP CONFIGURATION
The specific operation of the AD9513 is set by the logic levels
applied to the setup pins (S10 to S0). These pins use four-state
logic. The logic levels used are VS and GND, plus ⅓ VS and
⅔ VS. The ⅓ VS level is provided by the internal self-biasing on
each of the setup pins (S10 to S0). This is the level seen by a
setup pin that is left not connected (NC). The ⅔ VS level is
provided by the VREF pin. All setup pins requiring the ⅔VS
level must be tied to the VREF pin.
SETUP PIN
S0 TO S10
60kΩ
30kΩ
VS
Figure 23. Setup Pin (S0 to S10) Equivalent Circuit
The AD9513 operation is determined by the combination of
logic levels present at the setup pins. The setup configurations
for the AD9513 are shown in Table 11 to Table 16. The four
logic levels are referred to as 0, ⅓, ⅔, and 1. These numbers
represent the fraction of the VS voltage that defines the logic
levels. See the setup pin thresholds in Table 6.
The meaning of some of the pin settings is changed by the
settings of other pins. For example, S0 determines whether S3,
and S4 sets OUT2 delay (S0 ≠ 0) or OUT2 phase (S0 = 0).
S2 indicates which outputs are in use, as shown in Table 10. This
allows the same pins (S5 and S6, S7 and S8) to determine the
settings for two different outputs, depending on which outputs
are in use.
Table 10. S2 Indicates Which Outputs Are in Use
S2
Outputs
0
OUT2 Off
1/3
All Outputs On
2/3
OUT0 Off
1
OUT1 Off
The fine delay values set by S3 and S4 (when the delay is being
used, S0 ≠ 0) are fractions of the full-scale delay. Note that the
longest setting is 15/16 of full scale. The full-scale delay times
are given in Table 3. To determine the actual delay, take the
fraction corresponding to the fine delay setting and multiply by
the full-scale value set by Table 3 corresponding to the S0 value
and add the LVDS or CMOS propagation delay time (see Table 3).
The full-scale delay times shown in Table 11, and referred to
elsewhere, are nominal time values.
The value at S2 also determines whether S5 and S6 set OUT2
divide (S2 ≠ 0) or OUT1 phase (S2 = 0). In addition, S2
determines whether S7 and S8 set OUT1 divide (S2 ≠ 1) or
OUT2 phase (S2 = 1 and S0 ≠ 0). In addition, the value of S2
determines whether S9 and S10 set OUT0 divide (S2 ≠ 2/3) or
OUT2 divide (S2 = 2/3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com