Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4350 Datasheet (PDF) - Cirrus Logic

CDB4350 Datasheet PDF - Cirrus Logic
Part # CDB4350
Download  CDB4350 Download
File Size   1159.3 Kbytes
Page   16 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Evaluation Board for CS4350

CDB4350 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDB4350 Datasheet PDF - Cirrus Logic

Part # CDB4350
Download  CDB4350 Click to download

File Size   1159.3 Kbytes
Page   16 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Evaluation Board for CS4350

CDB4350 Datasheet (HTML) - Cirrus Logic


CDB4350 Product details

Description
The CS4350 is a complete stereo digital-to-analog system including PLL-based master clock derivation, digital interpolation, 5th-order multi-bit delta-sigma digital-to-analog conversion, digital de-emphasis, volume control, channel mixing, and analog filtering. The advantages of this architecture include ideal differential linearity, no distortion mechanisms due to resistor matching errors, no linearity drift over time and temperature, high tolerance to clock jitter, and a minimal set of external components.

Features
♦ Advanced Multi-bit Delta-Sigma Architecture
♦ 109 dB Dynamic Range
♦ -91 dB THD+N
♦ 24-Bit Conversion
♦ Supports Audio Sample Rates Up to 192 kHz
♦ Low-Latency Digital Filtering
♦ Single-Ended or Differential Analog Output Architecture
♦ Integrated PLL Locks to Incoming Left-Right Clock
    – Eliminates the Need for External Masterclock Routing
    – Reduces Interference and Jitter Sensitivity
    – No External Loop Filter Components Required
♦ Automatic Sample-Rate Range Detection
♦ Popguard® Technology for Control of Clicks and Pops
    – Hardware Popguard Disable for Fast Startups
♦ Supports All Standard Serial Audio Formats Including Time-Division Multiplexed (TDM)
♦ +1.5 V to 5.0 V Logic Supplies for Serial Port
♦ +3.3 V to 5.0 V Control Port Interface

Control Port Mode Features
♦ SPI™ and I²C® Modes
♦ ATAPI Mixing
♦ Mute Control for Individual Channels
♦ Digital Volume Control with Soft Ramp
    – 127.5 dB Attenuation
    – 1/2 dB Step Size
    – Zero Crossing Click-Free Transitions




Similar Part No. - CDB4350

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4350 CIRRUS-CDB4350 Datasheet
727Kb / 39P
192 kHz Stereo DAC with Integrated PLL
CDB4350 CIRRUS-CDB4350 Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
More results


Similar Description - CDB4350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
Evaluation Board for STR72xF
04-Oct-2005
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
Evaluation Board for CS3308
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
Evaluation Board for CS3318
CDB4265 CIRRUS-CDB4265 Datasheet
1Mb / 30P
Evaluation Board for CS4265
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
Evaluation Board for CS4352
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
Evaluation Board for CS4361
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
Evaluation Board for CS5345
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
EVALUATION BOARD FOR G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
Evaluation Board for G
REV. 0
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com