Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet (PDF) - Cirrus Logic

CS53L21 Datasheet PDF - Cirrus Logic
Part # CS53L21
Download  CS53L21 Download
File Size   1089.7 Kbytes
Page   66 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power, Stereo Analog to Digital Converter

CS53L21 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS53L21 Datasheet PDF - Cirrus Logic

Part # CS53L21
Download  CS53L21 Click to download

File Size   1089.7 Kbytes
Page   66 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power, Stereo Analog to Digital Converter

CS53L21 Datasheet (HTML) - Cirrus Logic


CS53L21 Product details

GENERAL DESCRIPTION

The CS53L21 is a highly integrated, 24-bit, 96 kHz, low power stereo A/D. Based on multi-bit, delta-sigma modulation, it allows infinite sample rate adjustment between 4 kHz and 96 kHz. The ADC offers many fea tures suitable for low power, portable system applications.



FEATURES

♦ 98 dB Dynamic Range (A-wtd)

♦ -88 dB THD+N

♦ Analog Gain Controls

   – +32 dB or +16 dB MIC Pre-Amplifiers

   – Analog Programmable Gain Amplifier (PGA)

♦ +20 dB Digital Boost

♦ Programmable Automatic Level Control (ALC)

   – Noise Gate for Noise Suppression

   – Programmable Threshold and Attack/Release Rates

♦ Independent Left/Right Channel Control

♦ Digital Volume Control

♦ High-Pass Filter Disable for DC Measurements

♦ Stereo 3:1 Analog Input MUX

♦ Dual MIC Inputs

   – Programmable, Low Noise MIC Bias Levels

   – Differential MIC Mix for Common Mode Noise Rejection

♦ Very Low 64 Fs Oversampling Clock Reduces Power Consumption



SYSTEM FEATURES

♦ 24-bit Conversion

♦ 4 kHz to 96 kHz Sample Rate

♦ Multi-bit Delta Sigma Architecture

♦ Low Power Operation

   – Stereo Record (ADC): 8.72 mW @ 1.8 V

   – Stereo Record (MIC to PGA and ADC): 13.73 mW @ 1.8 V

♦ Variable Power Supplies

   – 1.8 V to 2.5 V Digital & Analog

   – 1.8 V to 3.3 V Interface Logic

♦ Power Down Management

   – ADC, MIC Pre-Amplifier, PGA

♦ Software Mode (I²C® & SPI™ Control)

♦ Hardware Mode (Stand-Alone Control)

♦ Flexible Clocking Options

   – Master or Slave Operation

♦ Digital Routing Mixes

   – Mono Mixes



APPLICATIONS

♦ Portable Audio Players

♦ Digital Microphones

♦ Digital Voice Recorders

♦ Voice Recognition Systems

♦ Audio/Video Capture Cards



 




Similar Part No. - CS53L21

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS53L30 CIRRUS-CS53L30 Datasheet
3Mb / 67P
Low-Power Quad-Channel Microphone ADC with TDM Output
CS53L32A CIRRUS-CS53L32A Datasheet
716Kb / 40P
Low Voltage, Stereo A/D Converter
CS53L32A-BZ CIRRUS-CS53L32A-BZ Datasheet
716Kb / 40P
Low Voltage, Stereo A/D Converter
CS53L32A-KZ CIRRUS-CS53L32A-KZ Datasheet
716Kb / 40P
Low Voltage, Stereo A/D Converter
CS53L32A-KZZ CIRRUS-CS53L32A-KZZ Datasheet
716Kb / 40P
Low Voltage, Stereo A/D Converter
More results


Similar Description - CS53L21

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Cirrus Logic
CS43L21 CIRRUS-CS43L21 Datasheet
1Mb / 63P
Low Power, Stereo Digital to Analog Converter
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1800 TI1-PCM1800_16 Datasheet
829Kb / 27P
STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1801 TI1-PCM1801_13 Datasheet
302Kb / 22P
STEREO ANALOG-TO-DIGITAL CONVERTER
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com