Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet (PDF) - Cirrus Logic

CS43L21 Datasheet PDF - Cirrus Logic
Part # CS43L21
Download  CS43L21 Download
File Size   1247.37 Kbytes
Page   63 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power, Stereo Digital to Analog Converter

CS43L21 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS43L21 Datasheet PDF - Cirrus Logic

Part # CS43L21
Download  CS43L21 Click to download

File Size   1247.37 Kbytes
Page   63 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power, Stereo Digital to Analog Converter

CS43L21 Datasheet (HTML) - Cirrus Logic


CS43L21 Product details

GENERAL DESCRIPTION
The CS43L21 is a highly integrated, 24-bit, 96 kHz, low power stereo DAC. Based on multi-bit, delta-sigma modulation, it allows infinite sample rate adjustment between 4 kHz and 96 kHz. The DAC offers many features suitable for low power, portable system applications.

FEATURES
♦ 98 dB Dynamic Range (A-wtd)
♦ -86 dB THD+N
♦ Headphone Amplifier - GND Centered
    – On-Chip Charge Pump Provides -VA_HP
    – No DC-Blocking Capacitor Required
    – 46 mW Power Into Stereo 16 Ω @ 1.8 V
    – 88 mW Power Into Stereo 16 Ω @ 2.5 V
    – -75 dB THD+N
♦ Digital Signal Processing Engine
    – Bass & Treble Tone Control, De-Emphasis
    – PCM Mix w/Independent Vol Control
    – Master Digital Volume Control and Limiter
    – Soft Ramp & Zero Cross Transitions
♦ Beep Generator
    – Tone Selections Across Two Octaves
    – Separate Volume Control
    – Programmable On & Off Time Intervals
    – Continuous, Periodic or One-Shot Beep Selections
♦ Programmable Peak-Detect and Limiter
♦ Pop and Click Suppression

APPLICATIONS
♦ Portable Audio Players
♦ MD Players
♦ PDAs
♦ Personal Media Players
♦ Portable Game Consoles
♦ Smart Phones
♦ Wireless Headsets




Similar Part No. - CS43L21

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L22 CIRRUS-CS43L22 Datasheet
1Mb / 68P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22 Datasheet
695Kb / 66P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22-CNZ CIRRUS-CS43L22-CNZ Datasheet
1Mb / 68P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22-CNZ CIRRUS-CS43L22-CNZ Datasheet
695Kb / 66P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22-CNZR CIRRUS-CS43L22-CNZR Datasheet
1Mb / 68P
Low Power, Stereo DAC w/Headphone & Speaker Amps
More results


Similar Description - CS43L21

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Cirrus Logic
CS53L21 CIRRUS-CS53L21 Datasheet
1Mb / 66P
Low Power, Stereo Analog to Digital Converter
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1800 TI1-PCM1800_16 Datasheet
829Kb / 27P
STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1801 TI1-PCM1801_13 Datasheet
302Kb / 22P
STEREO ANALOG-TO-DIGITAL CONVERTER
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com