Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 6Page - Cirrus Logic CS43L21 Datasheet HTML 7Page - Cirrus Logic CS43L21 Datasheet HTML 8Page - Cirrus Logic CS43L21 Datasheet HTML 9Page - Cirrus Logic CS43L21 Datasheet HTML 10Page - Cirrus Logic CS43L21 Datasheet HTML 11Page - Cirrus Logic CS43L21 Datasheet HTML 12Page - Cirrus Logic CS43L21 Datasheet HTML 13Page - Cirrus Logic CS43L21 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
10
DS723A1
CS43L21
+1.8V or +2.5V
1 µF
VQ
FILT+
0.1 µF
1 µF
DGND
VL
0.1 µF
+1.8V, 2.5 V
or +3.3V
I²S/LJ
MCLKDIV2
RESET
LRCK
AGND
DEM
MCLK
SCLK
0.1 µF
VA_HP
VD
SDIN
CS43L21
1 µF
+1.8V or +2.5V
AOUTB
AOUTA
470
Ω
470
Ω
C
C
Rext
Rext
See Note 2
For best response to Fs/2 :
()
470
4
470
×
+
=
ext
ext
R
Fs
R
C
π
This circuitry is intended for applications where the CS 43L21 connects directly to an unbalanced output of the device . For
internal routing applications please see the DAC Analog Output Characteristics section for loading limitations .
Note 2 :
Digital Audio
Processor
0.1 µF
VA
Headphone Out
Left & Right
Line Level Out
Left & Right
Speaker Driver
FLYP
FLYN
VSS_HP
GND_HP
51.1
Ω
0.022 µF
1 µF
See Note 1
Note 1:
Series resistance in the path of the power supplies (typically
used for added filtering) must be avoided. Any voltage drop
on VA_HP will directly impact the negative charge pump
supply (VSS_HP) and result in clipping on the audio output .
1 µF
1 µF
**
**
* *Use low ESR ceramic capacitors.
See Note 3
Note 3:
Pull-up to VL (47 k
Ω for Master Mode. Pull-
down to DGND for Slave Mode.
47 k
Ω
TSTO/M/S
VL or DGND
k
Ω
Figure 2. Typical Connection Diagram (Hardware Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com