Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 53Page - Cirrus Logic CS43L21 Datasheet HTML 54Page - Cirrus Logic CS43L21 Datasheet HTML 55Page - Cirrus Logic CS43L21 Datasheet HTML 56Page - Cirrus Logic CS43L21 Datasheet HTML 57Page - Cirrus Logic CS43L21 Datasheet HTML 58Page - Cirrus Logic CS43L21 Datasheet HTML 59Page - Cirrus Logic CS43L21 Datasheet HTML 60Page - Cirrus Logic CS43L21 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 63 page
background image
DS723A1
57
CS43L21
8. EXAMPLE SYSTEM CLOCK FREQUENCIES
8.1
Auto Detect Enabled
*The”MCLKDIV2” pin 4 must be set HI.
Sample Rate
LRCK (kHz)
MCLK (MHz)
1024x
1536x
2048x*
3072x*
8
8.1920
12.2880
16.3840
24.5760
11.025
11.2896
16.9344
22.5792
33.8688
12
12.2880
18.4320
24.5760
36.8640
Sample Rate
LRCK (kHz)
MCLK (MHz)
512x
768x
1024x*
1536x*
16
8.1920
12.2880
16.3840
24.5760
22.05
11.2896
16.9344
22.5792
33.8688
24
12.2880
18.4320
24.5760
36.8640
Sample Rate
LRCK (kHz)
MCLK (MHz)
256x
384x
512x*
768x*
32
8.1920
12.2880
16.3840
24.5760
44.1
11.2896
16.9344
22.5792
33.8688
48
12.2880
18.4320
24.5760
36.8640
Sample Rate
LRCK (kHz)
MCLK (MHz)
128x
192x
256x*
384x*
64
8.1920
12.2880
16.3840
24.5760
88.2
11.2896
16.9344
22.5792
33.8688
96
12.2880
18.4320
24.5760
36.8640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com