Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 13Page - Cirrus Logic CS43L21 Datasheet HTML 14Page - Cirrus Logic CS43L21 Datasheet HTML 15Page - Cirrus Logic CS43L21 Datasheet HTML 16Page - Cirrus Logic CS43L21 Datasheet HTML 17Page - Cirrus Logic CS43L21 Datasheet HTML 18Page - Cirrus Logic CS43L21 Datasheet HTML 19Page - Cirrus Logic CS43L21 Datasheet HTML 20Page - Cirrus Logic CS43L21 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
DS723A1
17
CS43L21
10. After powering up the CS43L21, RESET should be held low after the power supplies and clocks are set-
tled.
11. See “Example System Clock Frequencies” on page 57 for typical MCLK frequencies.
12. See “Master” on page 29
Master Mode (Note 12)
Output Sample Rate (LRCK)
All Speed Modes
Fs
-Hz
LRCK Duty Cycle
45
55
%
SCLK Frequency
1/tP
-
64•Fs
Hz
SCLK Duty Cycle
45
55
%
LRCK Edge to SDIN MSB Rising Edge
td(MSB)
52
ns
SDIN Setup Time Before SCLK Rising Edge
ts(SD-SK)
20
-
ns
SDIN Hold Time After SCLK Rising Edge
th
20
-
ns
Parameters
Symbol
Min
Max
Units
//
//
//
//
//
//
ts(SD-SK)
MSB
MSB-1
LRCK
SCLK
SDIN
ts(LK-SK)
tP
th
Figure 4. Serial Audio Interface Slave Mode Timing
MCLK
128
-----------------
//
//
//
//
//
//
ts(SD-SK)
MSB
MSB-1
LRCK
SCLK
SDIN
td(MSB)
tP
th
Figure 5. Serial Audio Interface Master Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com