Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 38Page - Cirrus Logic CS43L21 Datasheet HTML 39Page - Cirrus Logic CS43L21 Datasheet HTML 40Page - Cirrus Logic CS43L21 Datasheet HTML 41Page - Cirrus Logic CS43L21 Datasheet HTML 42Page - Cirrus Logic CS43L21 Datasheet HTML 43Page - Cirrus Logic CS43L21 Datasheet HTML 44Page - Cirrus Logic CS43L21 Datasheet HTML 45Page - Cirrus Logic CS43L21 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
42
DS723A1
CS43L21
Function:
These bits select the gain multiplier for the headphone/line outputs. See “Line Output Voltage Characteris-
tics” on page 14 and “Headphone Output Power Characteristics” on page 15.
DAC Single Volume Control (DAC_SNGVOL)
Default: 0
Function:
The individual channel volume levels are independently controlled by their respective Volume Control reg-
isters when this function is disabled. When enabled, the volume on all channels is determined by the AOU-
TA Volume Control register and the AOUTB Volume Control register is ignored.
PCMX Invert Signal Polarity (INV_PCMX)
Default: 0
0 - Disabled
1 - Enabled
Function:
When enabled, this bit will invert the signal polarity of the PCM x channel.
DACX Channel Mute (DACX_MUTE)
Default: 0
0 - Disabled
1 - Enabled
Function:
The output of channel x DAC will mute when enabled. The muting function is affected by the DACx Soft and
Zero Cross bits (DACx_SZC[1:0]).
6.6
DAC Control (Address 09h)
DAC Data Selection (DATA_SEL[1:0])
Default: 00
00 - PCM Serial Port to DAC
01 - Signal Processing Engine to DAC
10 - Reserved
11 - Reserved
Function:
Selects the digital signal source for the DAC. Note: Certain functions are only available when the “Signal
Processing Engine to DAC” option is selected using these bits.
76
543
21
0
DATA_SEL1
DATA_SEL0
FREEZE
Reserved
DEEMPH
AMUTE
DAC_SZC1
DAC_SZC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com