Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 9Page - Cirrus Logic CS43L21 Datasheet HTML 10Page - Cirrus Logic CS43L21 Datasheet HTML 11Page - Cirrus Logic CS43L21 Datasheet HTML 12Page - Cirrus Logic CS43L21 Datasheet HTML 13Page - Cirrus Logic CS43L21 Datasheet HTML 14Page - Cirrus Logic CS43L21 Datasheet HTML 15Page - Cirrus Logic CS43L21 Datasheet HTML 16Page - Cirrus Logic CS43L21 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
DS723A1
13
CS43L21
ANALOG OUTPUT CHARACTERISTICS (AUTOMOTIVE - DNZ)
(Test conditions (unless otherwise specified): Input test signal is a full-scale 997 Hz sine wave; measurement
bandwidth is 10 Hz to 20 kHz; Sample Frequency = 48 kHz and 96 kHz; test load RL = 10 kΩ, CL = 10 pF for the
line output (see Figure 3), and test load RL = 16 Ω, CL = 10 pF (see Figure 3) for the headphone output.
HP_GAIN[2:0] = 011.)
Parameter (Note 4)
VA = 2.5V (nominal)
Min
Typ
Max
VA = 1.8V (nominal)
Min
Typ
Max
Unit
RL = 10 kΩ
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
90
87
-
-
98
95
96
93
-
-
-
-
87
84
-
-
95
92
93
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-86
-75
-35
-86
-73
-33
-73
-
-
-
-
-
-
-
-
-
-
-
-88
-72
-32
-88
-70
-30
-80
-
-
-
-
-
dB
dB
dB
dB
dB
dB
RL = 16 Ω
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
90
87
-
-
98
95
96
93
-
-
-
-
87
84
-
-
95
92
93
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-75
-75
-35
-75
-73
-33
-67
-
-
-
-
-
-
-
-
-
-
-
-75
-72
-32
-75
-70
-30
-67
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Other Characteristics for RL = 16 Ω or 10 kΩ
Output Parameters
Modulation Index (MI)
(Note 5)
Analog Gain Multiplier (G)
-
0.6787
0.6047
--
0.6787
0.6047
-
Full-scale Output Voltage (2•G•MI•VA) (Note 5)
Refer to Table “Line Output Voltage Characteristics” on
page 14
Vpp
Full-scale Output Power (Note 5)
Refer to Table “Headphone Output Power Characteristics”
on page 15
mW
Interchannel Isolation (1 kHz)
16
Ω
10 k
Ω
-
-
80
95
-
-
-
-
80
93
-
-
dB
dB
Interchannel Gain Mismatch
-
0.1
0.25
-
0.1
0.25
dB
Gain Drift
-
±100
-
-
±100
-
ppm/°
C
AC-Load Resistance (RL)
(Note 6)
16
-
-
16
-
-
Ω
Load Capacitance (CL)
(Note 6)
-
-
150
-
-
150
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com