Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 29Page - Cirrus Logic CS43L21 Datasheet HTML 30Page - Cirrus Logic CS43L21 Datasheet HTML 31Page - Cirrus Logic CS43L21 Datasheet HTML 32Page - Cirrus Logic CS43L21 Datasheet HTML 33Page - Cirrus Logic CS43L21 Datasheet HTML 34Page - Cirrus Logic CS43L21 Datasheet HTML 35Page - Cirrus Logic CS43L21 Datasheet HTML 36Page - Cirrus Logic CS43L21 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
DS723A1
33
CS43L21
4.9
Software Mode
The control port is used to access the registers allowing the D/A to be configured for the desired operational
modes and formats. The operation of the control port may be completely asynchronous with respect to the
audio sample rates. However, to avoid potential interference problems, the control port pins should remain
static if no operation is required.
The control port operates in two modes: SPI and I²C, with the D/A acting as a slave device. Software Mode
is selected if there is a high-to-low transition on the AD0/CS pin after the RESET pin has been brought high.
I²C Mode is selected by connecting the AD0/CS pin through a resistor to VL or DGND, thereby permanently
selecting the desired AD0 bit address state.
4.9.1
SPI Control
In Software Mode, CS is the CS43L21 chip-select signal, CCLK is the control port bit clock (input into the
from the microcontroller), CDIN is the input data line from the microcontroller. Data is clocked in on the
rising edge of CCLK. The D/A will only support write operations. Read request will be ignored.
Figure 18 shows the operation of the control port in Software Mode. To write to a register, bring CS low.
The first seven bits on CDIN form the chip address and must be 1001010. The eighth bit is a read/write
indicator (R/W), which should be low to write. The next eight bits form the Memory Address Pointer (MAP),
which is set to the address of the register that is to be updated. The next eight bits are the data which will
be placed into the register designated by the MAP.
There is MAP auto-increment capability, enabled by the INCR bit in the MAP register. If INCR is a zero,
the MAP will stay constant for successive read or writes. If INCR is set to a 1, the MAP will auto-increment
after each byte is read or written, allowing block reads or writes of successive registers.
4.9.2
I²C Control
In I²C Mode, SDA is a bidirectional data line. Data is clocked into and out of the part by the clock, SCL.
There is no CS pin. Pin AD0 forms the least significant bit of the chip address and should be connected
through a resistor to VL or DGND as desired. The state of the pin is sensed while the CS43L21 is being
reset.
The signal timings for a read and write cycle are shown in Figure 19 and Figure 20. A Start condition is
defined as a falling transition of SDA while the clock is high. A Stop condition is a rising transition while
the clock is high. All other transitions of SDA occur while the clock is low. The first byte sent to the
CS43L21 after a Start condition consists of a 7-bit chip address field and a R/W bit (high for a read, low
for a write). The upper 6 bits of the 7-bit address field are fixed at 100101. To communicate with a
CS43L21
, the chip address field, which is the first byte sent to the CS43L21, should match 100101 followed
by the setting of the AD0 pin. The eighth bit of the address is the R/W bit. If the operation is a write, the
next byte is the Memory Address Pointer (MAP) which selects the register to be read or written. If the op-
eration is a read, the contents of the register pointed to by the MAP will be output. Setting the auto-incre-
4
5
6
7
CCLK
CHIP ADDRESS (WRITE)
MAP BYTE
DATA
1
0
0
1
0
1
0
0
CDIN
INCR
6
5
4
3
2
1
0
7
6
1
0
0
1
2
3
8
9
12
16 17
10 11
13 14 15
DATA +n
CS
7
6
1
0
Figure 18. Control Port Timing in SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com