Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 5Page - Cirrus Logic CS43L21 Datasheet HTML 6Page - Cirrus Logic CS43L21 Datasheet HTML 7Page - Cirrus Logic CS43L21 Datasheet HTML 8Page - Cirrus Logic CS43L21 Datasheet HTML 9Page - Cirrus Logic CS43L21 Datasheet HTML 10Page - Cirrus Logic CS43L21 Datasheet HTML 11Page - Cirrus Logic CS43L21 Datasheet HTML 12Page - Cirrus Logic CS43L21 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
DS723A1
9
CS43L21
2. TYPICAL CONNECTION DIAGRAMS
1 µF
+1.8 V or +2.5 V
1 µF
VQ
FILT+
0.1 µF
1 µF
DGND
VL
0.1 µF
+1.8 V, +2.5 V
or +3.3 V
SCL/CCLK
SDA/CDIN
RESET
2 k
Ω
See Note 1
LRCK
AGND
AD0/CS
MCLK
SCLK
0.1 µF
VA_HP
VD
SDIN
CS43L21
2 k
Ω
1 µF
+1.8 V or +2.5 V
AOUTB
AOUTA
470
Ω
470
Ω
C
C
Rext
Rext
See Note 2
Note 1:
Resistors are required for I²C
control port operation
For best response to Fs/2 :
()
470
4
470
×
+
=
ext
ext
R
Fs
R
C
π
This circuitry is intended for applications where the
CS43L21 connects directly to an unbalanced output of the
device. For internal routing applications please see the
DAC Analog Output Characteristics section for loading
limitations.
Note 2 :
Digital Audio
Processor
0.1 µF
VA
Headphone Out
Left & Right
Line Level Out
Left & Right
Speaker Driver
FLYP
FLYN
VSS_HP
GND_HP
1 µF
51.1
Ω
0.022 µF
1 µF
**
**
* *Use low ESR ceramic capacitors.
See Note 3
Note 3:
Series resistance in the path of the power supplies must
be avoided. Any voltage drop on VA_HP will directly
impact the negative charge pump supply (VSS_HP) and
result in clipping on the audio output .
1.5 µF
1.5 µF
See Note 4
Note 4 :
Larger capacitors, such as 1.5 µF, improves the charge
pump performance (and subsequent THD+N) at the full
scale output power achieved with gain (G) settings
greater than default.
**
**
Figure 1. Typical Connection Diagram (Software Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com