Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 40Page - Cirrus Logic CS43L21 Datasheet HTML 41Page - Cirrus Logic CS43L21 Datasheet HTML 42Page - Cirrus Logic CS43L21 Datasheet HTML 43Page - Cirrus Logic CS43L21 Datasheet HTML 44Page - Cirrus Logic CS43L21 Datasheet HTML 45Page - Cirrus Logic CS43L21 Datasheet HTML 46Page - Cirrus Logic CS43L21 Datasheet HTML 47Page - Cirrus Logic CS43L21 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
44
DS723A1
CS43L21
Soft Ramp
Soft Ramp allows level changes, either by gain changes, attenuation changes or muting, to be implemented
by incrementally ramping, in 1/8 dB steps, from the current level to the new level at a rate of 0.5 dB per 4
left/right clock periods.
Soft Ramp on Zero Crossing
This setting dictates that signal-level changes, either by gain changes, attenuation changes or muting, will
occur in 1/8 dB steps and be implemented on a signal zero crossing. The 1/8 dB level change will occur
after a timeout period between 512 and 1024 sample periods (10.7 ms to 21.3 ms at 48 kHz sample rate) if
the signal does not encounter a zero crossing. The zero cross function is independently monitored and im-
plemented for each channel. Note: The LIM_SRDIS bit is ignored.
6.7
PCMX Mixer Volume Control:
PCMA (Address 10h) & PCMB (Address 11h)
Note: The DATA_SEL[1:0] bits in reg09h must be set to ‘01’b to enable function control in this register.
PCMX Mixer Channel Mute (MUTE_PCMMIXX)
Default = 1
0 - Disabled
1 - Enabled
Function:
The PCM channel X input to the output mixer will mute when enabled. The muting function is affected by
the DACX Soft and Zero Cross bits (DACX_SZC[1:0]).
PCMX Mixer Volume Control (PCMMIXX_VOL[6:0])
Default: 000 0000
Function:
The level of the PCMX input to the output mixer can be adjusted in 0.5 dB increments as dictated by the
DACX Soft and Zero Cross bits (DACX_SZC[1:0]) from +12 to -51.5 dB. Levels are decoded as described
in the table above.
7
6
5
43210
MUTE_
PCMMIXx
PCMMIXx_
VOL6
PCMMIXx_
VOL5
PCMMIXx_
VOL4
PCMMIXx_
VOL3
PCMMIXx_
VOL2
PCMMIXx_
VOL1
PCMMIXx_
VOL0
Binary Code
Volume Setting
001 1000
+12.0 dB
···
···
000 0000
0 dB
111 1111
-0.5 dB
111 1110
-1.0 dB
···
···
001 1001
-51.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com