Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 23Page - Cirrus Logic CS43L21 Datasheet HTML 24Page - Cirrus Logic CS43L21 Datasheet HTML 25Page - Cirrus Logic CS43L21 Datasheet HTML 26Page - Cirrus Logic CS43L21 Datasheet HTML 27Page - Cirrus Logic CS43L21 Datasheet HTML 28Page - Cirrus Logic CS43L21 Datasheet HTML 29Page - Cirrus Logic CS43L21 Datasheet HTML 30Page - Cirrus Logic CS43L21 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
DS723A1
27
CS43L21
4.3.7
Line-Level Outputs and Filtering
The CODEC contains on-chip buffer amplifiers capable of producing line level single-ended outputs on
AOUTA and AOUTB. These amplifiers are ground centered and do not have any DC offset. A load stabi-
lizer circuit, shown in the “Typical Connection Diagram (Software Mode)” on page 9 and the “Typical Con-
nection Diagram (Hardware Mode)” on page 10, is required on the analog outputs. This allows the DAC
amplifiers to drive line or headphone outputs.
Also shown in the Typical Connection diagrams is the recommended passive output filter to support high-
er impedances such as those found on the inputs to operational amplifiers. “Rext”, shown in the typical
connection diagrams, is the input impedance of the receiving device.
The invert and digital gain controls may be used to provide phase and/or amplitude compensation for an
external filter.
The delta-sigma conversion process produces high frequency noise beyond the audio passband, most of
which is removed by the on-chip analog filters. The remaining out-of-band noise can be attenuated using
an off-chip low pass filter.
Software
Controls:
“DAC Output Control (Address 08h)” on page 41, “AOUTx Volume Control: AOUTA (Address 16h)
& AOUTB (Address 17h)” on page 49.
MAX[2:0]
Output
(after Limiter)
Input
RRATE[5:0]
ARATE[5:0]
Volume
Limiter
CUSH[2:0]
ATTACK/RELEASE SOUND
CUSHION
MAX[2:0]
AOUTx_VOL[7:0] volume
control should NOT be
adjusted manually when
Limiter is enabled.
Figure 11. Peak Detect & Limiter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com