Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 41Page - Cirrus Logic CS43L21 Datasheet HTML 42Page - Cirrus Logic CS43L21 Datasheet HTML 43Page - Cirrus Logic CS43L21 Datasheet HTML 44Page - Cirrus Logic CS43L21 Datasheet HTML 45Page - Cirrus Logic CS43L21 Datasheet HTML 46Page - Cirrus Logic CS43L21 Datasheet HTML 47Page - Cirrus Logic CS43L21 Datasheet HTML 48Page - Cirrus Logic CS43L21 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
DS723A1
45
CS43L21
6.8
Beep Frequency & Timing Configuration (Address 12h)
Note: The DATA_SEL[1:0] bits in reg09h must be set to ‘01’b to enable function control in this register.
Beep Frequency (FREQ[3:0])
Default: 0000
Function:
The frequency of the beep signal can be adjusted from 260.87 Hz to 2181.82 Hz. Beep frequency will scale
directly with sample rate, Fs, but is fixed at the nominal Fs within each speed mode. Refer to Figure 10 on
page 26 for single, multiple and continuous beep configurations using the REPEAT and BEEP bits.
Beep On Time Duration (ONTIME[3:0])
Default: 0000
Function:
The on-duration of the beep signal can be adjusted from approximately 86 ms to 5.2 s. The on-duration will
scale inversely with sample rate, Fs, but is fixed at the nominal Fs within each speed mode. Refer to Figure
10 on page 26 for single-, multiple- and continuous-beep configurations using the REPEAT and BEEP bits.
7
6
5
432
10
FREQ3
FREQ2
FREQ1
FREQ0
ONTIME3
ONTIME2
ONTIME1
ONTIME0
FREQ[3:0]
Frequency
Fs = 12, 24, 48 or 96
kHz
Pitch
0000
260.87 Hz
C4
0001
521.74 Hz
C5
0010
585.37 Hz
D5
0011
666.67 Hz
E5
0100
705.88 Hz
F5
0101
774.19 Hz
G5
0110
888.89 Hz
A5
0111
1000.00 Hz
B5
1000
1043.48 Hz
C6
1001
1200.00 Hz
D6
1010
1333.33 Hz
E6
1011
1411.76 Hz
F6
1100
1600.00 Hz
G6
1101
1714.29 Hz
A6
1110
2000.00 Hz
B6
1111
2181.82 Hz
C7
TIME[3:0]
On Time
Fs = 12, 24, 48 or 96 kHz
0000
86 ms
···
···
1111
5.2 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com