Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 44Page - Cirrus Logic CS43L21 Datasheet HTML 45Page - Cirrus Logic CS43L21 Datasheet HTML 46Page - Cirrus Logic CS43L21 Datasheet HTML 47Page - Cirrus Logic CS43L21 Datasheet HTML 48Page - Cirrus Logic CS43L21 Datasheet HTML 49Page - Cirrus Logic CS43L21 Datasheet HTML 50Page - Cirrus Logic CS43L21 Datasheet HTML 51Page - Cirrus Logic CS43L21 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
48
DS723A1
CS43L21
Tone Control Enable (TC_EN)
Default = 0
0 - Disabled
1 - Enabled
Function:
The Bass and Treble tone control features are active when this bit is enabled.
6.11
Tone Control (Address 15h)
Note: The DATA_SEL[1:0] bits in reg09h must be set to ‘01’b to enable function control in this register.
Treble Gain Level (TREB[3:0])
Default: 1000 dB (No Treble Gain)
Function:
The level of the shelving treble gain filter is set by Treble Gain Level. The level can be adjusted in 1.5 dB
increments from +12.0 to -10.5 dB.
Bass Gain Level (BASS[3:0])
Default: 1000 dB (No Bass Gain)
Function:
The level of the shelving bass gain filter is set by Bass Gain Level. The level can be adjusted in 1.5 dB in-
crements from +10.5 to -10.5 dB.
76
543
21
0
TREB3
TREB2
TREB1
TREB0
BASS3
BASS2
BASS1
BASS0
Binary Code
Gain Setting
0000
+12.0 dB
···
···
0111
+1.5 dB
1000
0 dB
1001
-1.5 dB
···
···
1111
-10.5 dB
Binary Code
Gain Setting
0000
+12.0 dB
···
···
0111
+1.5 dB
1000
0 dB
1001
-1.5 dB
···
···
1111
-10.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com