Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 24Page - Cirrus Logic CS43L21 Datasheet HTML 25Page - Cirrus Logic CS43L21 Datasheet HTML 26Page - Cirrus Logic CS43L21 Datasheet HTML 27Page - Cirrus Logic CS43L21 Datasheet HTML 28Page - Cirrus Logic CS43L21 Datasheet HTML 29Page - Cirrus Logic CS43L21 Datasheet HTML 30Page - Cirrus Logic CS43L21 Datasheet HTML 31Page - Cirrus Logic CS43L21 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
28
DS723A1
CS43L21
4.3.8
On-Chip Charge Pump
An on-chip charge pump derives a negative supply voltage from the VA_HP supply. This provides dual
rail supplies allowing a full-scale output swing centered around ground and eliminates the need for large,
DC-blocking capacitors. Added benefits include greater pop suppression and improved low frequency
(bass) response. Note: Series resistance in the path of the power supplies must be avoided. Any voltage
drop on the VA_HP supply will directly impact the derived negative voltage on the charge pump supply,
VSS_HP, and may result in clipping.
The FLYN and FLYP pins connect to internal switches that charges and discharges the external capacitor
attached, at a default switching frequency. This frequency may be adjusted in the control port registers.
Increasing the charge-pumping capacitor will slightly decease the pumping frequency. The capacitor con-
nected to VSS_HP acts as a charge reservoir for the negative supply as well as a filter for the ripple in-
duced by the charge pump. Increasing this capacitor will decrease the ripple on VSS_HP. Refer to the
typical connection diagrams in Figure 1 on page 9 or Figure 2 on page 10 for the recommended capacitor
values for the charge pump circuitry.
4.4
Serial Port Clocking
The D/A serial audio interface port operates either as a slave or master. It accepts externally generated
clocks in slave mode and will generate synchronous clocks derived from an input master clock (MCLK) in
master mode.
The frequency of the MCLK must be an integer multiple of, and synchronous with, the system sample rate,
Fs. The LRCK frequency is equal to Fs, the frequency at which audio samples for each channel are clocked
into or out of the device.
The SPEED and MCLKDIV2 software control bits or the M/S and MCLKDIV2 stand-alone control pins, con-
figure the device to generate the proper clocks in Master Mode and receive the proper clocks in Slave Mode.
The value on the M/S pin is latched immediately after powering up in Hardware Mode.
Software
Controls:
“Charge Pump Frequency (Address 21h)” on page 53.
Software
Control:
, “DAC Control (Address 09h)” on page 42.
Hardware
Control:
Pin
Setting
Selection
“M/S” pin 29
47 k
Ω Pull-down
Slave
47 k
Ω Pull-up
Master
“MCLKDIV2” pin 2
LO
No Divide
HI
MCLK is divided by 2 prior
to all internal circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com