Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 17Page - Cirrus Logic CS43L21 Datasheet HTML 18Page - Cirrus Logic CS43L21 Datasheet HTML 19Page - Cirrus Logic CS43L21 Datasheet HTML 20Page - Cirrus Logic CS43L21 Datasheet HTML 21Page - Cirrus Logic CS43L21 Datasheet HTML 22Page - Cirrus Logic CS43L21 Datasheet HTML 23Page - Cirrus Logic CS43L21 Datasheet HTML 24Page - Cirrus Logic CS43L21 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
DS723A1
21
CS43L21
POWER CONSUMPTION
See (Note 19)
19. Unless otherwise noted, test conditions are as follows: All zeros input, slave mode, sample rate =
48 kHz; No load. Digital (VD) and logic (VL) supply current will vary depending on speed mode and mas-
ter/slave operation.
20. RESET pin 25 held LO, all clocks and data lines are held LO.
21. RESET pin 25 held HI, all clocks and data lines are held HI.
22. VL current will slightly increase in master mode.
Power Ctl. Registers
Typical Current (mA)
Operation
02h
03h
V
iVA_HP
iVA
iVD
iVL
(Note 22)
Total
Power
(mWrms)
1
Off (Note 20)
xxxx xxxxxx
1.8
0
0
0
0
0
2.5
0
0
0
0
0
2
Standby (Note 21)
xxxx xx1 xxx
1.8
0
0.01
0.02
0
0.05
2.5
0
0.01
0.03
0
0.10
5
Mono Playback
1011 110111 1.8
1.66
1.40
2.35
0.01
9.74
2.5
2.03
1.71
3.48
0.02
18.08
6
Stereo Playback
0011 110111 1.8
2.77
2.05
2.35
0.01
12.93
2.5
3.21
2.50
3.49
0.02
23.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com