Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 20Page - Cirrus Logic CS43L21 Datasheet HTML 21Page - Cirrus Logic CS43L21 Datasheet HTML 22Page - Cirrus Logic CS43L21 Datasheet HTML 23Page - Cirrus Logic CS43L21 Datasheet HTML 24Page - Cirrus Logic CS43L21 Datasheet HTML 25Page - Cirrus Logic CS43L21 Datasheet HTML 26Page - Cirrus Logic CS43L21 Datasheet HTML 27Page - Cirrus Logic CS43L21 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
24
DS723A1
CS43L21
4.3
Analog Outputs
AOUTA and AOUTB are the ground-centered line or headphone outputs. Various signal processing options
are available, including an internal Beep Generator. The desired path to the DAC must be selected using
the DATA_SEL[1:0] bits.
4.3.1
De-Emphasis Filter
The CODEC includes on-chip digital de-emphasis optimized for a sample rate of 44.1 kHz. The filter re-
sponse is shown in Figure 9. The de-emphasis feature is included to accommodate audio recordings that
utilize 50/15
µs pre-emphasis equalization as a means of noise reduction. De-emphasis is only available
in Single-Speed Mode.
Software
Controls:
“DAC Control (Address 09h)” on page 42.
Software
Controls:
“DAC Control (Address 09h)” on page 42.
Hardware
Control:
Pin
Setting
Selection
“DEM” pin 4. LO
No De-Emphasis
HI
De-Emphasis Applied
Charge
Pump
Left/Right
HP Out
Switched
Capacitor DAC
and Filter
Headphone
Amp - GND
Centered
PDN_DACA
PDN_DACB
DATA_SEL[1:0]
00
CHRG_FREQ[3:0]
01
HP_GAIN[2:0]
Beep
Generator
Bass/
Treble/
Control
Σ
VOL
Peak
Detect
Limiter
Chnl Vol.
Settings
Demph
VOL
VOL
+12dB/-102dB
0.5dB steps
OUTA_VOL[7:0]
OUTB_VOL[7:0]
+12dB/-51.5dB
0.5dB steps
PCMMIXA_VOL[6:0]
PCMMIXB_VOL[6:0]
0dB/-50dB
2.0dB steps
BPVOL[4:0]
MUTE_PCMMIXA
MUTE_PCMMIXB
DEEMPH
BASS[3:0]
TREB[3:0]
+12.0dB/-10.5dB
1.5dB steps
BASS_CF[1:0]
TREB_CF[1:0]
TC_EN
SIGNAL PROCESSING ENGINE (SPE)
DAC_SZC[1:0]
DACA_MUTE
DACB_MUTE
INV_DACA
INV_DACB
DAC_SNGVOL
AMUTE
ARATE[7:0]
RRATE[7:0]
MAX[2:0]
MIN[2:0]
LIM_SRDIS
LIM_ZCDIS
LIMIT_EN
PCMA[1:0]
PCMB[1:0]
OFFTIME[2:0]
ONTIME[3:0]
FREQ[3:0]
REPEAT
BEEP
Channel
Swap
Figure 8. Output Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com