Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 47Page - Cirrus Logic CS43L21 Datasheet HTML 48Page - Cirrus Logic CS43L21 Datasheet HTML 49Page - Cirrus Logic CS43L21 Datasheet HTML 50Page - Cirrus Logic CS43L21 Datasheet HTML 51Page - Cirrus Logic CS43L21 Datasheet HTML 52Page - Cirrus Logic CS43L21 Datasheet HTML 53Page - Cirrus Logic CS43L21 Datasheet HTML 54Page - Cirrus Logic CS43L21 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
DS723A1
51
CS43L21
Limiter Soft Ramp Disable (LIM_SRDIS)
Default: 0
0 - Off
1 - On
Function:
Overrides the DAC_SZC setting. When this bit is set, the Limiter attack and release rate will not be dictated
by the soft ramp setting. Note: This bit is ignored when the zero-cross function is enabled (i.e. when
DAC_SZC[1:0] = ‘01’b or ‘11’b.)
Limiter Zero Cross Disable (LIM_ZCDIS)
Default: 0
0 - Off
1 - On
Function:
Overrides the DAC_SZC setting. When this bit is set, the Limiter attack and release rate will not be dictated
by the zero-cross setting.
6.15
Limiter Release Rate Register (Address 1Ah)
Note: The DATA_SEL[1:0] bits in reg09h must be set to ‘01’b to enable function control in this register.
Peak Detect and Limiter Enable (LIMIT_EN)
Default: 0
0 - Disabled
1 - Enabled
Function:
Limits the maximum signal amplitude to prevent clipping when this function is enabled. Peak Signal Limiting
is performed by digital attenuation. Note: When the limiter is enabled, the AOUT Volume is automatically
controlled and should not be adjusted manually. Alternative volume control may be realized using the
PCMMIXx_VOL[6:0] bits.
Peak Signal Limit All Channels (LIMIT_ALL)
Default: 1
0 - Individual Channel
1 - Both channel A & B
Function:
When set to 0, the peak signal limiter will limit the maximum signal amplitude to prevent clipping on the spe-
cific channel indicating clipping. The other channels will not be affected.
When set to 1, the peak signal limiter will limit the maximum signal amplitude to prevent clipping on both
channels in response to any single channel indicating clipping.
7
6
5
432
10
LIMIT_EN
LIMIT_ALL
RRATE5
RRATE4
RRATE3
RRATE2
RRATE1
RRATE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com