Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 48Page - Cirrus Logic CS43L21 Datasheet HTML 49Page - Cirrus Logic CS43L21 Datasheet HTML 50Page - Cirrus Logic CS43L21 Datasheet HTML 51Page - Cirrus Logic CS43L21 Datasheet HTML 52Page - Cirrus Logic CS43L21 Datasheet HTML 53Page - Cirrus Logic CS43L21 Datasheet HTML 54Page - Cirrus Logic CS43L21 Datasheet HTML 55Page - Cirrus Logic CS43L21 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
52
DS723A1
CS43L21
Limiter RELEASE Rate (RRATE[5:0])
Default: 111111
Function:
Sets the rate at which the limiter releases the digital attenuation from levels below the minimum setting in
the limiter threshold register, and returns the analog output level to the AOUTx_VOL[7:0] setting.
The limiter release rate is user selectable but is also a function of the sampling frequency, Fs, and the
DAC_SZC setting unless the disable bit is enabled.
6.16
Limiter Attack Rate Register (Address 1Bh)
Note: The DATA_SEL[1:0] bits in reg09h must be set to ‘01’b to enable function control in this register.
Limiter Attack Rate (ARATE[5:0])
Default: 000000
Function:
Sets the rate at which the limiter attenuates the analog output from levels above the maximum setting in the
limiter threshold register.
The limiter attack rate is user-selectable but is also a function of the sampling frequency, Fs, and the
DAC_SZC setting unless the disable bit is enabled.
6.17
Status (Address 20h) (Read Only)
For all bits in this register, a “1” means the associated error condition has occurred at least once since the
register was last read. A ”0” means the associated error condition has NOT occurred since the last reading
of the register. Reading the register resets all bits to 0.
Serial Port Clock Error (SP_CLK Error)
Default: 0
Function:
Indicates an invalid MCLK to LRCK ratio. See “Serial Port Clocking” section on page 28“Serial Port Clock-
ing” on page 28 for valid clock ratios.
Note:
On initial power up and application of clocks, this bit will be high as the serial port re-synchronizes.
Binary Code
Release Time
000000
Fastest Release
···
···
111111
Slowest Release
76
543
21
0
Reserved
Reserved
ARATE5
ARATE4
ARATE3
ARATE2
ARATE1
ARATE0
Binary Code
Attack Time
000000
Fastest Attack
···
···
111111
Slowest Attack
76
543
21
0
Reserved
SP_CLKERR
SPEA_OVFL
SPEB_OVFL
PCMA_OVFL
PCMB_OVFL
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com