Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 1 Page - Cirrus Logic

  CS43L21 Datasheet HTML 1Page - Cirrus Logic CS43L21 Datasheet HTML 2Page - Cirrus Logic CS43L21 Datasheet HTML 3Page - Cirrus Logic CS43L21 Datasheet HTML 4Page - Cirrus Logic CS43L21 Datasheet HTML 5Page - Cirrus Logic CS43L21 Datasheet HTML 6Page - Cirrus Logic CS43L21 Datasheet HTML 7Page - Cirrus Logic CS43L21 Datasheet HTML 8Page - Cirrus Logic CS43L21 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
JULY '06
DS723A1
Low Power, Stereo Digital to Analog Converter
FEATURES
98 dB Dynamic Range (A-wtd)
-86 dB THD+N
Headphone Amplifier - GND Centered
On-Chip Charge Pump Provides -VA_HP
No DC-Blocking Capacitor Required
46 mW Power Into Stereo 16
Ω @ 1.8 V
88 mW Power Into Stereo 16
Ω @ 2.5 V
-75 dB THD+N
Digital Signal Processing Engine
Bass & Treble Tone Control, De-Emphasis
PCM Mix w/Independent Vol Control
Master Digital Volume Control and Limiter
Soft Ramp & Zero Cross Transitions
Beep Generator
Tone Selections Across Two Octaves
Separate Volume Control
Programmable On & Off Time Intervals
Continuous, Periodic or One-Shot Beep
Selections
Programmable Peak-Detect and Limiter
Pop and Click Suppression
SYSTEM FEATURES
24-bit Conversion
4 kHz to 96 kHz Sample Rate
Multi-bit Delta Sigma Architecture
Low Power Operation
Stereo Playback: 12.93 mW @ 1.8 V
Variable Power Supplies
1.8 V to 2.5 V Digital & Analog
1.8 V to 3.3 V Interface Logic
Power Down Management
Software Mode (I²C® & SPI
Control)
Hardware Mode (Stand-Alone Control)
Digital Routing/Mixes:
Mono Mixes
Flexible Clocking Options
Master or Slave Operation
High-Impedance Digital Output Option (for
easy MUXing between DAC and Other
Data Sources)
Quarter-Speed Mode - (i.e. Allows 8 kHz Fs
while maintaining a flat noise floor up to
16 kHz)
1.8 V to 3.3 V
Multibit
∆Σ Modulator
Charge
Pump
Left HP Out
Right HP Out
Serial Audio
Input
1.8 V to 2.5 V
Register
Configuration
Reset
Hardware
Mode or I
2C &
SPI Software
Mode
Control Data
Beep
Generator
MUX
MUX
Headphone
Amp - GND
Centered
Headphone
Amp - GND
Centered
1.8 V to 2.5 V
Switched
Capacitor DAC
and Filter
Switched
Capacitor DAC
and Filter
Digital
Signal
Processing
Engine
CS43L21


Similar Part No. - CS43L21

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L22 CIRRUS-CS43L22 Datasheet
1Mb / 68P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22 CIRRUS-CS43L22 Datasheet
695Kb / 66P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22-CNZ CIRRUS-CS43L22-CNZ Datasheet
1Mb / 68P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22-CNZ CIRRUS-CS43L22-CNZ Datasheet
695Kb / 66P
Low Power, Stereo DAC w/Headphone & Speaker Amps
CS43L22-CNZR CIRRUS-CS43L22-CNZR Datasheet
1Mb / 68P
Low Power, Stereo DAC w/Headphone & Speaker Amps
More results

Similar Description - CS43L21

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Cirrus Logic
CS53L21 CIRRUS-CS53L21 Datasheet
1Mb / 66P
Low Power, Stereo Analog to Digital Converter
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1800 TI1-PCM1800_16 Datasheet
829Kb / 27P
STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1801 TI1-PCM1801_13 Datasheet
302Kb / 22P
STEREO ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com