Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 39Page - Cirrus Logic CS43L21 Datasheet HTML 40Page - Cirrus Logic CS43L21 Datasheet HTML 41Page - Cirrus Logic CS43L21 Datasheet HTML 42Page - Cirrus Logic CS43L21 Datasheet HTML 43Page - Cirrus Logic CS43L21 Datasheet HTML 44Page - Cirrus Logic CS43L21 Datasheet HTML 45Page - Cirrus Logic CS43L21 Datasheet HTML 46Page - Cirrus Logic CS43L21 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
DS723A1
43
CS43L21
Freeze Controls (FREEZE)
Default: 0
Function:
This function will freeze the previous settings of, and allow modifications to be made to all control port reg-
isters without the changes taking effect until the FREEZE is disabled. To have multiple changes in the con-
trol port registers take effect simultaneously, enable the FREEZE bit, make all register changes, then
disable the FREEZE bit.
DAC De-Emphasis Control (DEEMPH)
Default: 0
0 - No De-Emphasis
1 - De-Emphasis Enabled
Function:
Note: The DATA_SEL[1:0] bits in reg09h must be set to ‘01’b to enable function control.
Enables the digital filter to apply the standard 15
µs/50µs digital de-emphasis filter response for a sample
rate of 44.1 kHz.
Analog Output Auto MUTE (AMUTE)
Default: 0
0 - Auto Mute Disabled
1 - Auto Mute Enabled
Function:
Enables (or disables) Automatic Mute of the analog outputs after 8192 “0” samples on each digital input
channel.
DAC Soft Ramp and Zero Cross Control (DAC_SZC[1:0])
Default = 10
00 - Immediate Change
01 - Zero Cross
10 - Soft Ramp
11 - Soft Ramp on Zero Crossings
Function:
Note: The DATA_SEL[1:0] bits in reg09h must be set to ‘01’b to enable function control
Immediate Change
When Immediate Change is selected all volume-level changes will take effect immediately in one step.
Zero Cross
This setting dictates that signal-level changes, either by gain changes, attenuation changes or muting, will
occur on a signal zero crossing to minimize audible artifacts. The requested level change will occur after a
timeout period between 1024 and 2048 sample periods (21.3 ms to 42.7 ms at 48 kHz sample rate) if the
signal does not encounter a zero crossing. The zero cross function is independently monitored and imple-
mented for each channel. Note: The LIM_SRDIS bit is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com